Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7350 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV7350
Description  8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7350 Datasheet(HTML) 5 Page - Microchip Technology

  HV7350 Datasheet HTML 1Page - Microchip Technology HV7350 Datasheet HTML 2Page - Microchip Technology HV7350 Datasheet HTML 3Page - Microchip Technology HV7350 Datasheet HTML 4Page - Microchip Technology HV7350 Datasheet HTML 5Page - Microchip Technology HV7350 Datasheet HTML 6Page - Microchip Technology HV7350 Datasheet HTML 7Page - Microchip Technology HV7350 Datasheet HTML 8Page - Microchip Technology HV7350 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005627A-page 5
HV7350
Retiming Clock Frequency
fCLK
10
220
—
MHz
Retiming Clock Rise and Fall
Times
trc, tfc
—
0.5
5
ns
Set-up Time, PIN/NIN to CLK
tSU
2
—
—
ns
Hold time, CLK to PIN/NIN
tH
1
—
—
ns
Clock Time Low
tCLK_LO
2
—
100
ns
CLK input must have at least one pulse
before PIN and NIN inputs are not zero.
Be sure to return inputs to zero before
stopping clock.
Clock Time High
tCLK_HI
2
—
100
ns
Clock Recognition Time
tCLK_REC
—
2
—
ns
Clock Release Time
tCLK_RLS
150
300
800
ns
Output Frequency Range
fOUT
—
—
20
MHz
100Ω resistor load
Second Harmonic Distortion
HD2
—
–40
—
dB
Output Capacitance
COSS
—
50
—
pF
VDS = 25V, f = 1 MHz of TX pin total
TEMPERATURE SPECIFICATIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
TEMPERATURE RANGE
Operating Junction Temperature
TJ
–40
—
+125
°C
Storage Temperature
TS
–65
—
+150
°C
PACKAGE THERMAL RESISTANCE
56-lead (8 X 8) QFN
JA
—
21
—
°C/W
LOGIC CONTROL TABLE
MODE
LOGIC INPUTS
TXN, OUTPUT
OEN
CLK
PINX
NINX
VPP
VNN
RGND
Asynchronous Mode
Output Change on
PIN/NIN
1
VLL
0
0
OFF
OFF
ON
1
VLL
1
0
ON
OFF
OFF
1
VLL
0
1
OFF
ON
OFF
1
VLL
1
1
OFF
OFF
OFF
Synchronous Mode
Output Change at Retim-
ing Clock (CLK) Rising
Edge, registered by
PIN/NIN
1
0
0
OFF
OFF
ON
1
1
0
ON
OFF
OFF
1
0
1
OFF
ON
OFF
1
1
1
OFF
OFF
OFF
Disabled
0
X
X
X
OFF
OFF
OFF
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: VLL = +3.3V, VDD = +3.3V, VPP = +60V, VNN = –60V, VCLK = +3.3V, TA = 25°C unless
otherwise indicated.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com