Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7350 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV7350
Description  8-Channel High-Speed 짹60V 짹1A Ultrasound RTZ Pulser
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7350 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV7350 Datasheet HTML 4Page - Microchip Technology HV7350 Datasheet HTML 5Page - Microchip Technology HV7350 Datasheet HTML 6Page - Microchip Technology HV7350 Datasheet HTML 7Page - Microchip Technology HV7350 Datasheet HTML 8Page - Microchip Technology HV7350 Datasheet HTML 9Page - Microchip Technology HV7350 Datasheet HTML 10Page - Microchip Technology HV7350 Datasheet HTML 11Page - Microchip Technology HV7350 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HV7350
DS20005627A-page 8
 2016 Microchip Technology Inc.
30
TX7
TX pulser Channel 7 output
31
RGND
Damping ground and bleed resistors common return ground
32
TX6
TX pulser Channel 6 output
33
RGND
Damping ground and bleed resistors common return ground
34
TX5
TX pulser Channel 5 output
35
CNEG
Built-in linear voltage –5V regulator output decoupling capacitor pin, 1 uF from CNEG to GND
36
CPOS
Built-in linear voltage +5V regulator output decoupling capacitor pin, 1 uF from CPOS to GND
37
TX4
TX pulser Channel 4 output
38
RGND
Damping ground and bleed resistors common return ground
39
TX3
TX pulser Channel 3 output
40
RGND
Damping ground and bleed resistors common return ground
41
TX2
TX pulser Channel 2 output
42
RGND
Damping ground and bleed resistors common return ground
43
TX1
TX pulser Channel 1 output
44
VNN
Negative high-voltage power supply (–10V to –60V)
45
VNN
46
VNN
47
CNF
Built-in linear voltage VNF regulator output decoupling capacitor pin, 1 uF from CNF to VNN for every CNF
pin
48
CPF
Built-in linear voltage VPF regulator output decoupling capacitor pin, 1 uF from VPP to CPF for every CPF pin
49
VPP
Positive high-voltage power supply (+10V to +60V)
50
VPP
51
VPP
52
VDD
Positive voltage power supply (+3.3V)
53
GND
Logic and circuit return ground (0V)
54
CLK
Retiming register clock input. Connect to VLL to disable the retiming function.
55
PIN1
Input logic control of high-voltage output P-FET for Channel 1; High = on; Low = off
(See Logic Control Table.)
56
NIN1
Input logic control of high-voltage output N-FET for Channel 1; High = on; Low = off
(See Logic Control Table.)
VSUB
(Thermal Pad)
Substrate bottom is internally connected to the central thermal pad on the bottom of package. It must be con-
nected to GND (0V) externally.
TABLE 2-1:
PAD FUNCTION TABLE (CONTINUED)
Pin
Number
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com