Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP5SD-A-G1-R Datasheet(PDF) 33 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 29Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 30Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 31Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 32Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 33Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 34Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 35Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 36Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
33
January 28, 2016
In addition to the standard input function, the Data Port has data pre-processing features that can be activated by
setting corresponding flags in the Firmware Area of the EEPROM.
Input Inverting: The input values of all four data input channels are inverted if the Invert_Data_In flag is ‘1’
Input Delay: If the Delay Mode is activated, a new input value is returned to the master if equal input data
was sampled for two consecutive Data_Exchange cycles. As long as the condition is not true, previous
valid data is returned. To suppress undesired input data validation in the event of immediately repeated
Data_Exchange calls (i.e., AS-i masters immediately repeat a Data_Exchange request if no valid slave
response was received on the first request), input data sampling is blocked for 256µs (-6.25%) after every
sampling event.
The filter output of each data port is preset to “0” after reset or as long as the Data_Exchange_Disable flag is set.
Figure 5.4
Principles of Delay Mode Input Filtering – Example for Slave with Address 1HEX
> 256µs (-6.25 %)
DEXG Addr 1
DEXCHG Addr 1
DEXG Addr 1
Slave
Slave
Slave
Input
Signal
Filter
Output
Sampling Point
< 256µs (-6.25 %)
This sampling event is
blocked to avoid immediate
input data validation
Activation of Delay Mode depends on the EEPROM flags Delay_Mode and P1_Delay_Activation and the value of
the Parameter Port P1 Output Register as shown in Table 5.11. Delay Mode cannot be activated when Safety
Mode is enabled.
Note: The input signal at Parameter Port P1 does not affect activation of Input Delay Mode. Only the master can
change the activation status by sending a corresponding Write_Parameter (WPAR) request.
Table 5.11 Activation of Delay Mode
Delay_Mode
P1_Delay_Activation
Parameter P1 Output Register
Delay Mode
0
X
X
OFF
1
0
X
ON
1
1
1
OFF
1
1
0
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com