Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP5SD-A-G1-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 1 Page - Integrated Device Technology

  SAP5SD-A-G1-R Datasheet HTML 1Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 2Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 3Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 4Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 5Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 6Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
AS-Interface Spec. V3.0
Compliant Universal AS-i IC
SAP51 / SAP5S
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 28, 2016
Brief Description
The SAP5S/SAP51 is a next-generation CMOS inte-
grated circuit for AS-Interface networks. This low-
level field bus AS-i (Actuator Sensor Interface) was
designed for easy, safe, and cost-effective inter-
connection of sensors, actuators, and switches. It
transports both power and data over the same two-
wire unshielded cable.
The SAP5S/SAP51 is used as part of a master or
slave node and functions as an interface to the
physical bus. It provides the power supply, physical
data transfer, and communication protocol handling.
The SAP5S/SAP51 is fully compliant with the
AS-Interface Complete Specification V3.0. It is func-
tion and pin compatible with the SAP4.1 (AS2702).
The SAP5S/SAP51 can be programmed by the user
to operate in Standard Slave Mode, Safety Mode
(SAP5S only), or Master Mode. The special AS-i
Safety Mode (SAP5S only) assures short response
times regarding security-related events.
All configuration data are stored in an internal
EEPROM that can be easily programmed by a sta-
tionary or handheld programming device.
The SAP5S/SAP51 is optimized for harsh environ-
ments by its special burst protection circuitry and
excellent electromagnetic compatibility.
Features
Compliant with the AS-Interface Complete
Specification V3.0
Universal application: slaves, masters, repeaters
Integrated safety code generator (SAP5S only)
On-chip electronic inductor: 55mA current
drive capability
Two LED outputs to support all AS-Interface
Complete Specification V3.0 status indication
modes
User programmable to operation in Standard
Slave Mode, Safety Mode, or Master Mode
Supports 5.33 and 16 MHz crystals by
automatic frequency detection
Data pre-processing functions
Clock and communication watchdogs
for high system security
Benefits
Cost savings due to integrated Safety Code
Generator (SAP5S only)
Special burst protection circuitry
Excellent electromagnetic compatibility
Physical Characteristics
Operational temperature range: -25 to +85°C
SOP16 and SOP20 package
Available Support
IDT AS-Interface Programmer Kit USB
IDT SAP5 Evaluation Board V2.0
Related Products
ASI4U Universal AS-Interface IC
SAP5S/SAP51 Basic Application Circuits
+24V
+0V
ASI+
ASI-
ASI+
ASI-
SAP5S
U5R
CDC
LTPN
LTGP
OSC2
OSC1
UOUT
D2
D0
D1
D3
Standard Application
Safety Mode Slave Application
SAP51/
SAP5S
U5R
CDC
LTPN
LTGP
OSC2
OSC1
UOUT
DSTBn
LED2
LED1
PSTBn
P[3:0]
D[3:0]
PFAULT


Similar Part No. - SAP5SD-A-G1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAP5SD-A-G1-R ETC2-SAP5SD-A-G1-R Datasheet
657Kb / 63P
Universal Actuator-Sensor Interface IC
logo
Zentrum Mikroelektronik...
SAP5SD-A-G1-R ZMD-SAP5SD-A-G1-R Datasheet
699Kb / 62P
Universal Actuator-Sensor Interface IC
Rev. 3.1 / July 2012
logo
Renesas Technology Corp
SAP5SD-A-G1-R RENESAS-SAP5SD-A-G1-R Datasheet
1,007Kb / 67P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 28, 2016
More results

Similar Description - SAP5SD-A-G1-R

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
Spec. 3.0 Compatible universal as-i IC
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
Advanced AS-Interface IC
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
Low End Device AS-Interface IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
AS-Interface Slave IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
3.0 Compliant Universal AS-I IC
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com