Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP5SD-B-G1-R Datasheet(PDF) 46 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 46 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 42Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 43Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 44Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 45Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 46Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 47Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 48Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 49Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 50Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
46
January 28, 2016
5.17. Communication Monitor/Watchdog
The SAP5 contains an independent Communication Monitor that observes the processing of Data_Exchange
(DEXG) and Write_Parameter (WPAR) requests. If no such requests have been processed for more than 94.2ms
(+4ms) the Communication Monitor recognizes a No Data/Parameter Exchange status and turns the red status
LED (i.e., LED2) on. Any subsequent Data_Exchange or Write_Parameter request will allow the Communication
Monitor to start over and will turn the red status LED off.
The Communication Monitor is only activated for a slave addresses not equal to zero (0HEX) and while the SAP5 is
processing the first Write_Parameter request after initialization. It becomes deactivated at any SAP5 reset or after
the reception of a Delete_Address request.
Activation of the Communication Watchdog depends on several EEPROM flags and the Parameter Port P0 output
register.
Note: The value of the Parameter Port P0 input does not have any influence on the Communication Watchdog
activation. Only the master can change the activation status by sending a corresponding Write_Parameter
(WPAR) request. This allows using the feature even if IO_Code = 7 is selected. In this case, the Parameter Port
pins are mapped into Data Input pins. However, since the activation of the Communication Watchdog only
depends on the value of the parameter output register, the watchdog functionality still remains controlled by the
master.
Watchdog activation through the value of the Parameter Port P0 is not available in Safety Mode.
Table 5.22 Activation of the SAP5 Communication Watchdog
Lock_EE_PRG
EEPROM flag
Inhibit_Watchdog
EEPROM flag
P0_Watchdog_Activation
EEPROM flag
Safety_Mode_
Enable
Parameter
Port P0 Output
Register
Watchdog
Activation
0
X
X
X
X
OFF
1
1
X
X
X
OFF
1
0
0
X
X
ON
1
0
1
1
X
ON
1
0
1
0
0
OFF
1
0
1
0
1
ON
The Communication Watchdog recognizes a No Data Exchange status if all of the following conditions are true:
The Communication Watchdog is activated.
No DEXG or WPAR request has been processed for more than 94.2ms (+4ms).
Slave address is not equal to zero (0HEX).
No EEPROM write access is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com