Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP5SD-B-G1-R Datasheet(PDF) 10 Page - Integrated Device Technology

Part # SAP5SD-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-B-G1-R Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button SAP5SD-B-G1-R Datasheet HTML 6Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 9Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 10Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 11Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 12Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 13Page - Integrated Device Technology SAP5SD-B-G1-R Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 28, 2016
2.4.
Quality Standards
The quality of the SAP51/SAP5S will be ensured according to the IDT quality standards. IDT is a qualified supplier
according to ISO/TS 16949:2002 and ISO 14001:1996.
The following IDT reference documents apply for the development process (available on request; see section 9):
Management Regulation: 0410 Product Development Procedure
Process Specification: IDT C7D 0.6µm Technology
Functional device parameters are valid for the device operating conditions specified in section 2.2. Production
device tests are performed within the recommended ranges of VLTGP - VLTGN, Tamb = +25°C (+85°C and -25°C on
sample basis only) unless otherwise stated.
2.5.
Failure Rate
Symbol
Parameter
Max.
Unit
AQL
Acceptance Quality Level
0.1
%
F55
Failure Rate at 55°C
18
FIT
F70
Failure Rate at 70°C
60
FIT
F85
Failure Rate at 85°C
150
FIT
F125
Failure Rate at 125°C
1400
FIT
2.6.
Humidity Class
Level 3 humidity tolerance according to JEDEC-020D is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com