Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP51D-B-G1-R Datasheet(PDF) 44 Page - Integrated Device Technology

Part # SAP51D-B-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP51D-B-G1-R Datasheet(HTML) 44 Page - Integrated Device Technology

Back Button SAP51D-B-G1-R Datasheet HTML 40Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 41Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 42Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 43Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 44Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 45Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 46Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 47Page - Integrated Device Technology SAP51D-B-G1-R Datasheet HTML 48Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
44
January 28, 2016
In Master/Repeater Mode, the output signal of the Manchester coder (AS-i pulse to MAN signal conversion) is
resynchronized and forwarded to the LED1 pin. Any pulse timing jitters of the received AS-i signal are removed if
they are within the specified maximum limits. If the received AS-i telegram does not pass one of the error checks
(see detailed description below), the LED1 output becomes inactive for a certain time period; see section 5.19.3.
The comparator stages at the AS-i line receiver generate two pulse-coded output signals (p_pulse, n_pulse)
disjoining the positive and negative telegram pulses for further processing. To reduce UART sensitivity to
erroneous spike pulses, pulse filters suppress any p_pulse, n_pulse activity of less than 750ns width. After
filtering, the p_pulse and n_pulse signals are checked in accordance with the AS-Interface Complete Specification
for the following telegram transmission errors:
Start_bit_error
The initial pulse following a pause must have negative polarity. Violation of this rule is
detected as a Start_bit_error. The first pulse is the reference for bit decoding. The first bit
detected must be the value 0.
Alternating_error
Two consecutive pulses must have different polarity. Violation of this rule is detected as
an Alternating_error.
Note: A negative pulse must be followed by a positive pulse and vice versa.
Timing_error
Within any master request or slave response, the digital pulses that are generated by the
receiver are checked to start in periods of
s
s
s
n
µ
+
µ
µ
500
.
1
875
.
0
)
3
(
after the start of the initial
negative pulse, where n = 1 to 26 for a master request and n = 1 to 12 for a slave
response. Violation of this rule is detected as a Timing_error.
Note: There is a certain pulse timing jitter associated with the receiver output signals
(compared to the analog signal waveform) due to sampling and offset effects at the
comparator stages. In order to take the jitter effects into account, the timing tolerance
specifications
differ
slightly
from
the
definitions
of
the
AS-Interface
Complete
Specification.
No_information_error Derived from the Manchester-II-Coding rule, either a positive or negative pulse must be
detected in periods of
s
s
s
n
µ
+
µ
µ
500
.
1
875
.
0
)
6
(
after the start of the initial negative pulse, where
n = 1 to 13 for a master request and n = 1 to 6 for a slave response. Violation of this rule
is detected as a No_information_error.
Note: The timing specification relates to the receiver comparator output signals. There is
a certain pulse timing jitter in the digital output signals (compared to the analog signal
waveform) due to sampling and offset effects at the comparator stages. In order to take
the jitter effects into account, the timing tolerance specifications differ slightly from the
definitions of the AS-Interface Complete Specification.
Parity_error
The sum of all information bits in master requests or slave responses (excluding the start
and end bits, including the parity bit) must be even. Violation of this rule is detected as a
Parity_error.
End_bit_error
The pulse to be detected
s
s
s
n
µ
+
µ
µ
500
.
1
875
.
0
)
6
(
after the start pulse must be of positive polarity,
where n = 13 (78
µs) for a master request and n = 6 (36µs) for a slave response. Violation
of this rule is detected as an End_bit_error.
Note: This stop pulse must finish a master request or slave response.
Length_error
Telegram length supervision is processed as follows. If during the first bit time after the
end pulse of a master request (equivalent to the 15
th bit time) for synchronized slaves, or
during the first three bit times for non-synchronized slaves (equivalent to the bit times 15
to 17), or during the first bit time after the end pulse of a slave response (equivalent to the
8
th bit time), a signal other than a pause is detected, a Length_error is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com