| Electronic Components Datasheet Search |
|
SAP51D-B-G1-R Datasheet(PDF) 50 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
SAP51D-B-G1-R Datasheet(HTML) 50 Page - Integrated Device Technology |
|
50 / 66 page ![]() SAP51 / SAP5S Datasheet © 2016 Integrated Device Technology, Inc. 50 January 28, 2016 Figure 5.8 Data Input Voltage Constraints in Safety Mode As soon as the F-D0* input pad detects an offset level less than VOFL(Max), the SAP5 resets the data input for D1 (F-D1*), signaling an OPEN state at the safety switch connected to D0*. The input data for D3 (F-D3*) will be reset if F-D2* detects an offset level less than VOFL(Max). Provided that the offset levels are not missing, the EEPROM bits D1* and D3* are transmitted as data bits D1 and D3 if swap_flag = ‘0’; otherwise they are swapped. In order to avoid desynchronization with the safety monitor in case the AS-i master repeats a DEXG call, the SAP5 will not update the data code word for 224 µs (+16µs) after a DEXG call had been processed. 5.19. Master and Repeater Modes 5.19.1. Master/ Repeater Mode Activation The SAP5 Master/Repeater Mode functionality is enabled via the Master_Mode EEPROM flag (refer to Table 4.2). In order to activate the Master_Mode, an SAP5 Reset (see section 5.13) must be performed after programming the EEPROM Master_Mode flag. For the distinction between Master and Repeater Mode, the ID_Code can be set to a specific value as described in Table 5.24. NOTE: The ID_Code must be programmed before activation of the Master_Mode flag. Once the Master_Mode flag is set to logic high, the slave functionality of the SAP5 is no longer available, preventing any write access to the EEPROM by use of AS-i master requests as described in section 4.3. Moreover, the Master and Repeater Mode functionality can be disabled generally by use of a hidden EEPROM flag. This flag is inaccessible by the user, but can be set during the IDT production test. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |