Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3108 Datasheet(PDF) 12 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 12 Page - Micronas

Back Button VDP3108 Datasheet HTML 8Page - Micronas VDP3108 Datasheet HTML 9Page - Micronas VDP3108 Datasheet HTML 10Page - Micronas VDP3108 Datasheet HTML 11Page - Micronas VDP3108 Datasheet HTML 12Page - Micronas VDP3108 Datasheet HTML 13Page - Micronas VDP3108 Datasheet HTML 14Page - Micronas VDP3108 Datasheet HTML 15Page - Micronas VDP3108 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
12
2.3. Digital Video Interfaces
The digital video interface allows insertion of digital data
in YCrCb format on the internal YCrCb data bus. The ort-
hogonal data structure of this bus is the ideal interface
point to external data sources and sinks. On top of this,
a host of formats are supported, e.g. support of level-2
teletext or the priority pixel bus concept.
Figure 2–13 shows all available digital interfaces:
YCrCb 16 bit 4:2:2
RBG
5 bit 4:4:4
PRIO
3 bit, source selection
The YCrCb bus is used for video insertion. The RGB in-
terface is used for insertion of a Teletext or OSD picture.
The priority bus allows to mix up to 8 sources on the
YCrCb / RGB bus.
PIP
TPU
CCU/
OSD
VDP
Video Display Pro-
cessor
Fig. 2–13: VDP video interfaces
2.3.1. Picture Bus Interface
The picture bus format between all DIGIT3000 ICs is
YCrCb with 20.25 Msamples/s. Only active video is
transferred, synchronized by the system main sync sig-
nal (MSY) which indicates the start of valid data for each
scan line. The number of active samples per line is 1068
for all standards (525 and 625).
Via the MSY line, serial data is transferred which con-
tains information about the main picture such as current
line number, odd/even field etc.). It is generated by the
deflection circuitry and represents the orthogonal time-
base for the entire system.
Feature ICs (e.g. PIP) will be synchronized to the main
YCrCb bus. Digital insertion (boxing) is controlled by a
priority system.
2.3.2. Digital RGB Interface
Digital RGB from text or on-screen-display is connected
via the Picture bus. The RGB signal is 5 bits wide. The
RGB signals are not subject to any post-filtering. The
RGB signal provides 3–bit RGB (one bit per color), the
4th bit allows to display half contrast colors. Bit 5 enables
a programmable color–look–up table with 16 entries and
4 bit resolution per color. This allows the support of a
World System Teletext level-2 color display. Display con-
trast for RGB data can be adjusted separately by three
contrast multipliers.
2.3.3. Priority Codec
Up to eight digital YCrCb or RGB sources (main decoder,
PIP, OSD, Text, etc.) may be selected in real-time by
means of a 3-bit priority bus. Thus a pixelwise bus arbi-
tration and source switching is possible. It is essential
that all YCrCb-sources are synchronous and orthogonal.
In general each source (= master) has its own YCrCb bus
request. This bus request may either be software or
hardware-controlled, i.e. a fast blank signal. Data colli-
sion is avoided by a bus arbiter that provides the individ-
ual bus acknowledge in accordance to a user defined
priority.
Each master sends a bus request with his individual
priority ID onto the PRIO-bus and immediately reads
back the bus status. Only in case of positive arbitration
(send-PRIO-ID = read-PRIO-ID) the bus acknowledge
becomes active and the data is sent.
This treatment has many features that have impact on
the appearance of a TV picture:
real-time bus arbitration (PIP, OSD, ...)
priorities are software configurable
different coefficients for different sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com