Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3108 Datasheet(PDF) 30 Page - Micronas

Part # VDP3108
Description  Single-Chip Video Processor
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108 Datasheet(HTML) 30 Page - Micronas

Back Button VDP3108 Datasheet HTML 26Page - Micronas VDP3108 Datasheet HTML 27Page - Micronas VDP3108 Datasheet HTML 28Page - Micronas VDP3108 Datasheet HTML 29Page - Micronas VDP3108 Datasheet HTML 30Page - Micronas VDP3108 Datasheet HTML 31Page - Micronas VDP3108 Datasheet HTML 32Page - Micronas VDP3108 Datasheet HTML 33Page - Micronas VDP3108 Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
VDP 3108
ADVANCE INFORMATION
MICRONAS INTERMETALL
30
Name
Default
Function
Mode
Number
of bits
I2C Sub
address
57
5b
5f
9
w v
PLL2/3 filter coefficients, refer to section ‘horizontal deflection’
2
2
2
PKP3
PKP2
PKI2
15
16
w/r d
horizontal drive control register
bit [5:0]
0..63
horizontal drive pulse duration in
µsec
bit [6]
0/1
disable/enable horizontal pll loops
bit [7]
0/1
1: gate HOUT off during flyback
bit [8]
0
bit [9]
0/1
enable/disable ultra black blanking
bit [10]
0/1
force/enable blanking after reset
bit [11]
0/1
enable/disable analog RGB clamping
bit [12]
0/1
disable/enable composite sync(ref.bit[15])
bit [13]
0/1
enable/disable vertical protection
bit [14]
0/1
bypass/active display clock skew
bit [15,12]
function of CSIO pin
00
composite sync signal output
01
25 Hz output (field1/field2 signal)
10
no interlace (field 2), output = 0
11
1 MHz h–drive clock
32
HDRV
EHPLL
EFLB
DUBL
EBL
DCRGB
DVPR
CSKEW
CSYNC
TEST REGISTER
39
8
w/r
Main Test Register
3f
8
w/r
Front End, Luma1
3e
8
w/r
Front End, Luma2
3d
8
w/r
Front End, Luma3
2f
8
w/r
Front End, Chroma1
2e
8
w/r
Front End, Chroma2
2a
16
w/r
Display 1
2b
16
w/r
Display 2
2c
8
w/r
Display 3
3a
8
w/r
FP
3b
16
w/r
Display Processor Control
2d
16
w/r
Deflection
3c
8
w/r
Analog Backend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com