Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5532B-5000JZX Datasheet(PDF) 49 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 49 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 45Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 46Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 47Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 48Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 49Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 50Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 51Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 52Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
USB5532B
DS00001679C-page 49
 2012 - 2015 Microchip Technology Inc.
5.6.29
USB UPSTREAM VARISENSE REGISTER
5.6.30
USB3 UPSTREAM LINK STATE REGISTER
5.6.31
USB PORT 1 BOOST REGISTER
TABLE 5-46:
USB UPSTREAM VARISENSE REGISTER
PHY_UP_SENSE
(0X60CC)
USB Upstream Varisense Register
Bit
Name
R/W
Description
7:3
Reserved
R
Reserved
2:0
HS_SQ_TUNE[2:0]
R/W
Squelch Tune
3’b000: Nominal 100mV Trip Point
3’b001: Decrease by 12.5mV
3’b010: Decrease by 25mV
3’b011: Decrease by 37.5mV
3’b100: Decrease by 50mV
3’b101: Decrease by 62.5mV
3’b110: Increase by 25mV
3’b111: Increase by 12.5mV
TABLE 5-47:
USB3 UPSTREAM LINK STATE REGISTER
SS_UP_STATE
(0X61C0)
USB3 Upstream Link State
Bit
Name
R/W
Description
7:4
LINK_STATE
R
Refer to Table 5-54, "USB 3.0 Link States" for more details.
3
Reserved
R
Reserved
2:0
LINK_SUB_STATE
R
Refer to Table 5-54, "USB 3.0 Link States" for more details.
TABLE 5-48:
USB PORT 1 BOOST REGISTER
HS_P1_BOOST
(0X64CA)
USB Port 1 Boost Register
Bit
Name
R/W
Description
7:3
Reserved
R/W
Reserved
2:0
HS_BOOST
R/W
HS Output Current.
3’b000: Nominal
3’b001: Decrease by 5%
3’b010: Increase by 10%
3’b011: Increase by 5%
3’b100: Increase by 20%
3’b101: Increase by 15%
3’b110: Increase by 30%
3’b111: Increase by 25%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com