Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5532B-5000JZX Datasheet(PDF) 8 Page - Microchip Technology

Part # USB5532B-5000JZX
Description  2-Port SS/HS USB Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5532B-5000JZX Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB5532B-5000JZX Datasheet HTML 4Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 5Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 6Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 7Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 8Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 9Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 10Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 11Page - Microchip Technology USB5532B-5000JZX Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
USB5532B
DS00001679C-page 8
 2012 - 2015 Microchip Technology Inc.
3.2
Pin Descriptions (Grouped by Function)
An N at the end of a signal name indicates that the active (asserted) state occurs when the signal is at a low voltage
level. When the N is not present, the signal is asserted when it is at a high voltage level. The terms assertion and nega-
tion are used exclusively in order to avoid confusion when working with a mixture of active low and active high signals.
The term assert, or assertion, indicates that a signal is active, independent of whether that level is represented by a high
or low voltage. The term negate, or negation, indicates that a signal is inactive.
TABLE 3-1:
USB5532B PIN DESCRIPTIONS
Symbol
Buffer Type
Description
USB 3.0 INTERFACE
USB3DP_TXUP
IO-U
USB 3 Upstream
Upstream SuperSpeed transmit data plus
USB3DM_TXUP
IO-U
USB 3 Upstream
Upstream SuperSpeed transmit data minus
USB3DP_RXUP
IO-U
USB 3 Upstream
Upstream SuperSpeed receive data plus
USB3DM_RXUP
IO-U
USB 3 Upstream
Upstream SuperSpeed receive data minus
USB3DP_TXDN[2:1]
IO-U
USB 3 Downstream
Downstream SuperSpeed transmit data plus for ports 1 through 2.
USB3DM_TXDN[2:1]
IO-U
USB 3 Downstream
Downstream SuperSpeed transmit data minus for ports 1 through 2.
USB3DP_RXDN[2:1]
IO-U
USB 3 Downstream
Downstream SuperSpeed receive data plus for ports 1 through 2.
USB3DM_RXDN[2:1]
IO-U
USB 3 Downstream
Downstream SuperSpeed receive data minus for ports 1 through 2.
USB 2.0 INTERFACE
USB2DP_UP
IO-U
USB Bus Data
These pins connect to the upstream USB bus data signals.
USB2DM_UP
IO-U
USB Bus Data
These pins connect to the upstream USB bus data signals.
USB2DP_DN[2:1]
IO-U
USB Downstream
Downstream Hi-Speed data plus for ports 1 through 2.
USB2DM_DN[2:1]
IO-U
USB Downstream
Downstream Hi-Speed data minus for ports 1 through 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com