Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740Ai-EN Datasheet(PDF) 116 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 116 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 112Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 113Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 114Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 115Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 116Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 117Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 118Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 119Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 116
2013-2015 Microchip Technology Inc.
Note 1: This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up resis-
tors add ±50 µA per-pin (typical).
Note 1: Measured at line side of transformer, line replaced by 100 Ω (±1%) resistor.
2: Offset from 16 ns pulse width at 50% of pulse peak.
3: Measured differentially.
Note 1: Min/max voltages guaranteed as measured with 100 Ω resistive load.
TABLE 5-5:
VARIABLE I/O BUFFER CHARACTERISTICS
Parameter
Symbol
Min.
1.8 V
Typ.
2.5 V
Typ.
3.3 V
Typ.
Max.
Unit
Note
VIS Type Input Buffer
Low Input Level
High Input Level
Neg-Going Threshold
Pos-Going Threshold
Schmitt Trigger Hystere-
sis (VIHT - VILT)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
0.64
0.81
102
-10
0.83
0.99
158
1.15
1.29
136
1.41
1.65
138
3.6
1.76
1.90
288
10
2
V
V
V
V
mV
µA
pF
Schmitt trigger
Schmitt trigger
(see Note 1)
VO8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.4
0.4
V
V
IOL = 8 mA
IOH = -8 mA
VOD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8 mA
TABLE 5-6:
100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
(see Note 1)
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
(see Note 1)
Signal Amplitude Symmetry
VSS
98
-
102
%
(see Note 1)
Signal Rise and Fall Time
TRF
3.0
-
5.0
ns
(see Note 1)
Rise and Fall Symmetry
TRFS
-
-
0.5
ns
(see Note 1)
Duty Cycle Distortion
DCD
35
50
65
%
(see Note 2)
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
ns
(see Note 3)
TABLE 5-7:
10BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
(see Note 1)
Receiver Differential Squelch Threshold
VDS
300
420
585
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com