Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740Ai-EN Datasheet(PDF) 120 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 120 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 116Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 117Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 118Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 119Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 120Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 121Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 122Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 123Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 120
2013-2015 Microchip Technology Inc.
Note 1: 40 ns for 100BASE-TX operation, 400 ns for 10BASE-T operation.
2: Timing was designed for system load between 10 pF and 25 pF.
FIGURE 5-4:
MII TRANSMIT TIMING
TABLE 5-10:
MII TRANSMIT TIMING VALUES
Symbol
Description
Min.
Typ.
Max.
Unit
Note
tclkp
TXCLK period
(see Note 1)ns
tclkh
TXCLK high time
tclkp * 0.4
tclkp * 0.6
ns
tclkl
TXCLK low time
tclkp * 0.4
tclkp * 0.6
ns
tsu
TXD[3:0], TXEN, TXER setup time
to rising edge of TXCLK
12.0
ns
(see Note 2)
thold
TXD[3:0], TXEN, TXER hold time
after rising edge of TXCLK
0ns
(see Note 2)
t1
TXCLK rising edge after TXEN
assertion to RXDV assertion
(100 Mbps internal loopback
mode)
160
162
ns
(see Note 2)
tsu
tclkh
tclkl
tclkp
thold
tsu thold
thold
tsu
thold
TXCLK
(OUTPUT)
TXD[3:0]
(INPUTS)
TXEN, TXER
(INPUTS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com