Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8740Ai-EN Datasheet(PDF) 134 Page - Microchip Technology

Part # LAN8740Ai-EN
Description  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN Datasheet(HTML) 134 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 128Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 129Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 130Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 131Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 132Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 133Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 134Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 135Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 136Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 134 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 134
 2013-2015 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
LAN8740A
Temperature
Range:
Blank = 0°C to +70°C
i
= -40°C to +85°C
Package:
EN = VQFN (32-pin)
Tape and Reel
Option:
Blank = Standard packaging (tray)
TR
= Tape and Reel(1)
Examples:
a)
LAN8740A-EN
0°C to +70°C,
(32-pin),
Tray
b)
LAN8740Ai-EN
-40°C to +85°C,
(32-pin),
Tray
c)
LAN8740A-EN-TR
0°C to +70°C,
(32-pin),
Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 4,000.
PART NO.
Device
[X]
Temperature
Range
XX
Package
[XX](1)
Tape and
Reel Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com