Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDDRL401BK12 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDDRL401BK12
Description  LED daytime running light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDDRL401BK12 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDDRL401BK12 Datasheet HTML 1Page - OSRAM GmbH LEDDRL401BK12 Datasheet HTML 2Page - OSRAM GmbH LEDDRL401BK12 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 3 year guarantee
_ Low energy consumption
_ Easy installation
_ Suitable for many vehicle models
_ Modern dotted diode effect
_ Elegant, contemporary look due to dotted LED technology
Product features
_ LED daytime running light
_ Color temperature: up to 6,000 K
_ Number of LEDs: 4
_ Certified according to ECE, SAE, CCC regulations
_ Type of protection: IP67
Product datasheet
LEDDRL401
LEDriving PX-4 | – LED daytime running lights
Areas of application
_ Daytime running light
__
December 12, 2016, 09:21:02
© 2016, OSRAM GmbH. All rights reserved.
LEDDRL401
Page 1 of 3


Similar Part No. - LEDDRL401BK12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDDRL102CL15 OSRAM-LEDDRL102CL15 Datasheet
117Kb / 3P
Color temperature: up to 6,000 K
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
LED daytime running light
More results

Similar Description - LEDDRL401BK12

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
TB1-7401-101 DIALIGHT-TB1-7401-101 Datasheet
113Kb / 1P
CONFIRMATION LIGHT FOR PRE-EMPTION / RED LIGHT RUNNING
logo
OSRAM GmbH
6418ULT-02B5W1 OSRAM-6418ULT-02B5W1 Datasheet
125Kb / 4P
An ideal daytime running lamp due to long life span
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
LED daytime running light
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
Day time running light
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
Day time running light
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
Day time running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
Day time running light
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com