Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDDRL401BK12 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDDRL401BK12
Description  LED daytime running light
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDDRL401BK12 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDDRL401BK12 Datasheet HTML 1Page - OSRAM GmbH LEDDRL401BK12 Datasheet HTML 2Page - OSRAM GmbH LEDDRL401BK12 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Detail
Detail
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899000070
LEDDRL401
Folding carton box
1
286 mm x 79 mm x
203 mm
4.59 dm³
720.00 g
4052899000087
LEDDRL401
Shipping carton box
5
444 mm x 305 mm x
231 mm
31.28 dm³
4664.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Legal advice
ECE E4 approval
ECE R87 approval
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 09:21:02
© 2016, OSRAM GmbH. All rights reserved.
LEDDRL401
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com