Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDIL302 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEDIL302
Description  Equipped with 243 high-quality, long-lasting LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDIL302 Datasheet(HTML) 1 Page - OSRAM GmbH

  LEDIL302 Datasheet HTML 1Page - OSRAM GmbH LEDIL302 Datasheet HTML 2Page - OSRAM GmbH LEDIL302 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 2 year guarantee
_ Battery-operated LED inspection luminaire with robust design
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Easy to grip and dirt resistant surface
_ Keeps your hands free thanks to magnet and hook
Product features
_ Equipped with 24+3 high-quality, long-lasting LEDs
_ Color temperature: up to 6,000 K
_ Illuminance: up to 2,000 lx in 0.5 m distance
_ Adjustable hook
_ Magnetic holder included
_ Operation time: up to 8 h
_ Type of protection: IP20
Product datasheet
LEDIL302
LEDinspect MINI 125 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles
__
December 12, 2016, 10:04:04
© 2016, OSRAM GmbH. All rights reserved.
LEDIL302
Page 1 of 3


Similar Part No. - LEDIL302

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDIL301EU-PLUG OSRAM-LEDIL301EU-PLUG Datasheet
98Kb / 3P
Equipped with 215 high-quality, long-lasting LEDs
More results

Similar Description - LEDIL302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E55L PHILIPS-E55L Datasheet
184Kb / 8P
SPECIAL QUALITY, SHOCK AND VIBRATION RESISTANT, LONG LIFE PENTODE
10.10.1961
logo
List of Unclassifed Man...
800288 ETC2-800288 Datasheet
77Kb / 1P
Consistent High Quality
logo
Assmann Electronics Inc...
AK-AV504-R ASSMANN-AK-AV504-R Datasheet
272Kb / 1P
HIGH QUALITY STEREO
logo
Seoul Semiconductor
STW9C2SB SEOUL-STW9C2SB Datasheet
1Mb / 31P
High Color Quality with CRI Min.90
logo
OSRAM GmbH
LEDIL301EU-PLUG OSRAM-LEDIL301EU-PLUG Datasheet
98Kb / 3P
Equipped with 215 high-quality, long-lasting LEDs
LEDINSPECTPENLIGHT80 OSRAM-LEDINSPECTPENLIGHT80 Datasheet
113Kb / 3P
Equipped with eight high-quality, long-lasting LEDs
logo
Asahi Kasei Microsystem...
AK4377 AKM-AK4377 Datasheet
277Kb / 5P
High Sound Quality Advanced DAC with HP
logo
Sony Corporation
IMX377CQT SONY-IMX377CQT Datasheet
359Kb / 4P
High image quality
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
High image quality
logo
Integrated Silicon Solu...
IS25LX032 ISSI-IS25LX032 Datasheet
515Kb / 2P
Long-Term Support World Class Quality
Oct. 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com