Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDIL302 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDIL302
Description  Equipped with 243 high-quality, long-lasting LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDIL302 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDIL302 Datasheet HTML 1Page - OSRAM GmbH LEDIL302 Datasheet HTML 2Page - OSRAM GmbH LEDIL302 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Three AAA batteries included
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899009578
LEDIL302
Blister
1
125 mm x 48 mm x
181 mm
1.09 dm³
114.00 g
4052899009585
LEDIL302
Shipping carton box
24
435 mm x 205 mm x
215 mm
19.17 dm³
3022.00 g
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
Guarantee terms are available at
www.osram.com/am-guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 10:04:04
© 2016, OSRAM GmbH. All rights reserved.
LEDIL302
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com