Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDINSPECTPENLIGHT80 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LEDINSPECTPENLIGHT80
Description  Equipped with eight high-quality, long-lasting LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTPENLIGHT80 Datasheet(HTML) 2 Page - OSRAM GmbH

  LEDINSPECTPENLIGHT80 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTPENLIGHT80 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTPENLIGHT80 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Photometrical data
Color temperature
5000…9000 K
Dimensions & weight
Length
160.0 mm
Country specific information
Product code
METEL-Code
SEG number
STK-Number
UK Org
4052899275607
-
9451311
-
-
Product datasheet
__
December 12, 2016, 10:04:11
© 2016, OSRAM GmbH. All rights reserved.
LEDIL303
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com