Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDINSPECTPENLIGHT80 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LEDINSPECTPENLIGHT80
Description  Equipped with eight high-quality, long-lasting LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTPENLIGHT80 Datasheet(HTML) 3 Page - OSRAM GmbH

  LEDINSPECTPENLIGHT80 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTPENLIGHT80 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTPENLIGHT80 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Equipment / Accessories
_ Three AAA batteries included
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (length
x width x height)
Volume
Gross weight
4052899275607
LEDIL303
Blister
1
214 mm x 85 mm x
39 mm
0.71 dm³
115.00 g
4052899275614
LEDIL303
Shipping carton box
12
230 mm x 98 mm x
217 mm
4.89 dm³
1448.00 g
4052899275621
LEDIL303
Shipping carton box
60
- x - x -
The mentioned product code describes the smallest quantity unit which can be ordered. One shipping unit can contain one or
more single products. When placing an order, for the quantity please enter single or multiples of a shipping unit.
References / Links
For Guarantee see
www.osram.com/guarantee
Disclaimer
Subject to change without notice. Errors and omission excepted. Always make sure to use the most recent release.
Product datasheet
__
December 12, 2016, 10:04:11
© 2016, OSRAM GmbH. All rights reserved.
LEDIL303
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com