Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LELBMB-34 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LELBMB-34
Description  Compact lightsource in SMT technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LELBMB-34 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LELBMB-34 Datasheet HTML 9Page - OSRAM GmbH LELBMB-34 Datasheet HTML 10Page - OSRAM GmbH LELBMB-34 Datasheet HTML 11Page - OSRAM GmbH LELBMB-34 Datasheet HTML 12Page - OSRAM GmbH LELBMB-34 Datasheet HTML 13Page - OSRAM GmbH LELBMB-34 Datasheet HTML 14Page - OSRAM GmbH LELBMB-34 Datasheet HTML 15Page - OSRAM GmbH LELBMB-34 Datasheet HTML 16Page - OSRAM GmbH LELBMB-34 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Version 1.0
LE RTDUW S2WN
2016-03-08
13
Relative Vorwärtsspannung
2) Seite 25
Relative Forward Voltage
2) page 25
∆V
F = VF - VF(25 °C) = f(Tj); IF= 1000 mA; red
Relative Vorwärtsspannung
2) Seite 25
Relative Forward Voltage
2) page 25
∆V
F = VF - VF(25 °C) = f(Tj); IF= 1000 mA; true green
Relative Vorwärtsspannung
2) Seite 25
Relative Forward Voltage
2) page 25
∆V
F = VF - VF(25 °C) = f(Tj); IF= 1000 mA; deep blue
Relative Vorwärtsspannung
2) Seite 25
Relative Forward Voltage
2) page 25
∆V
F = VF - VF(25 °C) = f(Tj); IF= 1000 mA; ultra white
LE RTDUW S2WN
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,4
-0,2
0,0
0,2
0,4
VF [V]
: red
LE RTDUW S2WN
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,4
-0,2
0,0
0,2
0,4
VF [V]
: true green
LE RTDUW S2WN
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,4
-0,2
0,0
0,2
0,4
VF [V]
: deep blue
LE RTDUW S2WN
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,4
-0,2
0,0
0,2
0,4
VF [V]
: ultra white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com