Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9211 Datasheet(PDF) 25 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 21Page - SMSC Corporation LAN9211 Datasheet HTML 22Page - SMSC Corporation LAN9211 Datasheet HTML 23Page - SMSC Corporation LAN9211 Datasheet HTML 24Page - SMSC Corporation LAN9211 Datasheet HTML 25Page - SMSC Corporation LAN9211 Datasheet HTML 26Page - SMSC Corporation LAN9211 Datasheet HTML 27Page - SMSC Corporation LAN9211 Datasheet HTML 28Page - SMSC Corporation LAN9211 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
SMSC LAN9211
25
Revision 2.9 (03-01-12)
DATASHEET
3.5
Wake-up Frame Detection
Setting the Wake-Up Frame Enable bit (WUEN) in the “WUCSR—Wake-up Control and Status
Register”, places the LAN9211 MAC in the wake-up frame detection mode. In this mode, normal data
reception is disabled, and detection logic within the MAC examines receive data for the pre-
programmed wake-up frame patterns. The LAN9211 can be programmed to notify the host of the wake-
up frame detection with the assertion of the host interrupt (IRQ) or assertion of the power management
event signal (PME). Upon detection, the Wake-Up Frame Received bit (WUFR) in the WUCSR is set.
When the host clears the WUEN bit the LAN9211 will resume normal receive operation.
Before putting the MAC into the wake-up frame detection state, the host must provide the detection
logic with a list of sample frames and their corresponding byte masks. This information is written into
the Wake-up Frame Filter register (WUFF). Please refer to Section 5.4.11, "WUFF—Wake-up Frame
Filter," on page 114 for additional information on this register.
The MAC supports four programmable filters that support many different receive packet patterns. If
remote wake-up mode is enabled, the remote wake-up function receives all frames addressed to the
MAC. It then checks each frame against the enabled filter and recognizes the frame as a remote wake-
up frame if it passes the wakeup frame filter register’s address filtering and CRC value match.
In order to determine which bytes of the frames should be checked by the CRC module, the MAC uses
a programmable byte mask and a programmable pattern offset for each of the four supported filters.
The pattern’s offset defines the location of the first byte that should be checked in the frame. Since
the destination address is checked by the address filtering Function, the pattern offset is always greater
than 12.
The byte mask is a 31-bit field that specifies whether or not each of the 31 contiguous bytes within
the frame, beginning in the pattern offset, should be checked. If bit j in the byte mask is set, the
detection logic checks byte offset +j in the frame. In order to load the Wake-up Frame Filter register,
the host LAN driver software must perform eight writes to the Wake-up Frame Filter register (WUFF).
The Diagram shown in Table 3.2, "Wake-Up Frame Filter Register Structure" below, shows the wake-
up frame filter register’s structure.
Note 3.1
Wake-up frame detection can be performed when the LAN9211 is in the D0 or D1 power
states. In the D0 state, wake-up frame detection is enabled when the WUEN bit is set.
Note 3.2
Wake-up frame detection, as well as Magic Packet detection, is always enabled and
cannot be disabled when the device enters the D1 state.
Note 3.3
When wake-up frame detection is enabled via the WUEN bit of the WUCSR—Wake-up
Control and Status Register, a broadcast wake-up frame will wake-up the device despite
the state of the Disable Broadcast Frame (BCAST) bit in the MAC_CR—MAC Control
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com