Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9211 Datasheet(PDF) 62 Page - SMSC Corporation

Part # LAN9211
Description  High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9211 Datasheet(HTML) 62 Page - SMSC Corporation

Back Button LAN9211 Datasheet HTML 58Page - SMSC Corporation LAN9211 Datasheet HTML 59Page - SMSC Corporation LAN9211 Datasheet HTML 60Page - SMSC Corporation LAN9211 Datasheet HTML 61Page - SMSC Corporation LAN9211 Datasheet HTML 62Page - SMSC Corporation LAN9211 Datasheet HTML 63Page - SMSC Corporation LAN9211 Datasheet HTML 64Page - SMSC Corporation LAN9211 Datasheet HTML 65Page - SMSC Corporation LAN9211 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 147 page
background image
High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
Datasheet
Revision 2.9 (03-01-12)
62
SMSC LAN9211
DATASHEET
3.13.1.1
Receive Data FIFO Fast Forward
The RX data path implements an automatic data discard function. Using the RX data FIFO Fast
Forward bit (RX_FFWD) in the RX_DP_CTRL register, the host can instruct the LAN9211 to skip the
packet at the head of the RX data FIFO. The RX data FIFO pointers are automatically incremented to
the beginning of the next RX packet.
When performing a fast-forward, there must be at least 4 DWORDs of data in the RX data FIFO for
the packet being discarded. For less than 4 DWORDs do not use RX_FFWD. In this case data must
be read from the RX data FIFO and discarded using standard PIO read operations.
After initiating a fast-forward operation, do not perform any reads of the RX data FIFO until the
RX_FFWD bit is cleared. Other resources can be accessed during this time (i.e., any registers and/or
the other three FIFOs). Also note that the RX_FFWD will only fast-forward the RX data FIFO, not the
RX status FIFO.
The receiver does not have to be stopped to perform a fast-forward operation.
3.13.1.2
Force Receiver Discard (Receiver Dump)
In addition to the Receive data Fast Forward feature, LAN9211 also implements a receiver "dump"
feature. This feature allows the host processor to flush the entire contents of the RX data and RX
status FIFOs. When activated, the read and write pointers for the RX data and status FIFOs will be
returned to their reset state. To perform a receiver dump, the LAN9211 receiver must be halted. Once
the receiver stop completion is confirmed, the RX_DUMP bit can be set in the RX_CFG register. The
RX_DUMP bit is cleared when the dump is complete. For more information on stopping the receiver,
please refer to Section 3.13.4, "Stopping and Starting the Receiver," on page 65. For more information
on the RX_DUMP bit, please refer to Section 5.3.7, "RX_CFG—Receive Configuration Register," on
page 85.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com