Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175288 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 175288
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175288 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 175288 Datasheet HTML 16Page - Tyco Electronics 175288 Datasheet HTML 17Page - Tyco Electronics 175288 Datasheet HTML 18Page - Tyco Electronics 175288 Datasheet HTML 19Page - Tyco Electronics 175288 Datasheet HTML 20Page - Tyco Electronics 175288 Datasheet HTML 21Page - Tyco Electronics 175288 Datasheet HTML 22Page - Tyco Electronics 175288 Datasheet HTML 23Page - Tyco Electronics 175288 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
97
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
DZ-5200 Series (Board-to-Board)
AMP Dynamic Series Connectors
DZ-5200 Series
High-current board-to-
board connectors with
30A per contact are useful
for cableless control
boards.
Material and Finish
Receptacle Contact — Phosphor
bronze or copper alloy, gold plated with
1.27 µm nickel underplate
Tab Contact — Phosphor bronze or
copper alloy, gold plated with 1.27 µm
nickel underplate
Tab Post — Copper alloy, tin plated
and gold plated with 1.27 µm nickel
underplate
Housing — Glass filled polyester
(PBT), UL 94V-0
Performance Characteristics
*When connectors are used singly
Pitch — 5.08mm/10.16mm
Voltage Rating —
5.08mm pitch: 250 V (rms);
10.16mm pitch: 600 V (rms)
Current Rating —
5.08mm pitch: 20A;
10.16mm pitch: 30A
Contact Resistance — 10 mΩ max.
Dielectric Withstanding Voltage —
1,500 V (1 minute)
Operating Temperature —
-55°C ~ +105°C
Technical Documents
Product Specification
108-78186
Receptacle Header
Mating Tab Header
Part Number:
J
-1747145-J
No. of
Pos.
3
4
5
7
Pitch
mm
Dimensions
AB
30.76
24.56
40.92
34.72
30.76
24.56
40.92
34.27
10.16
5.08
Part Number
5-1747147-3
5-1747147-4
1-1747147-5
1-1747147-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com