Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175288 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 175288
Description  AMP Dynamic Series Connectors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

175288 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 175288 Datasheet HTML 18Page - Tyco Electronics 175288 Datasheet HTML 19Page - Tyco Electronics 175288 Datasheet HTML 20Page - Tyco Electronics 175288 Datasheet HTML 21Page - Tyco Electronics 175288 Datasheet HTML 22Page - Tyco Electronics 175288 Datasheet HTML 23Page - Tyco Electronics 175288 Datasheet HTML 24Page - Tyco Electronics 175288 Datasheet HTML 25Page - Tyco Electronics 175288 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
99
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-5300 Series (Wire-to-Panel and Wire-to-Wire)
AMP Dynamic Series Connectors
D-5300 Series
Reverse Mount Type
Material and Finish
Receptacle Contact — Copper alloy,
gold plated or silver plated over nickel
underplate
Tab Contact — Copper alloy, gold
plated or silver plated over nickel
underplate
Housing — Glass filled polyester
(PBT), UL 94V-0
Performance Characteristics
*When connectors are used singly
Pitch — 400 mil (10.16mm)
Voltage Rating — 630 VAC
Current Rating —
#10: 30A; #12: 25A; #16: 16A
Contact Resistance — 2 mΩ max.
Dielectric Withstanding Voltage —
3,000 V (1 minute)
Operating Temperature —
-55°C ~ +105°C
Related Product Data
D-5 Contact (Refer to page 84)
Reverse mount type
allows Dynamic Series
receptacle contact to be
used on panel mount side.
The Dynamic D-5300 Series
supports receptacle contact
storage demand to conduc-
tor housing and such appli-
cations where safety
standards are important.
The receptacle contact sat-
isfies the IP20 rating, which
contributes to equipment
safety. Plus, a new addition
to the lineup are long tab
contacts so contact is made
in advance when mating
and retains current until
completely unmated.
Also, because it uses the
D-5000 Series high-current
contacts, which have a good
reputation in industry, it not
only keeps costs for new
equipment to a minimum, it
also really helps to shorten
initial evaluation times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com