Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC515 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC515
Description  512K I2C CMOS Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515 Datasheet(HTML) 5 Page - Microchip Technology

  24LC515 Datasheet HTML 1Page - Microchip Technology 24LC515 Datasheet HTML 2Page - Microchip Technology 24LC515 Datasheet HTML 3Page - Microchip Technology 24LC515 Datasheet HTML 4Page - Microchip Technology 24LC515 Datasheet HTML 5Page - Microchip Technology 24LC515 Datasheet HTML 6Page - Microchip Technology 24LC515 Datasheet HTML 7Page - Microchip Technology 24LC515 Datasheet HTML 8Page - Microchip Technology 24LC515 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21673C-page 5
24AA515/24LC515/24FC515
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
A0, A1 Chip Address Inputs
The A0, A1 inputs are used by the 24XX515 for multiple
device operations. The levels on these inputs are
compared with the corresponding bits in the slave
address. The chip is selected if the compare is true.
Up to four devices may be connected to the same bus
by using different Chip Select bit combinations. If left
unconnected, these inputs will be pulled down
internally to VSS.
2.2
A2 Chip Address Input
The A2 input is non-configurable Chip Select. This pin
must be tied to VCC in order for this device to operate.
2.3
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open-
drain terminal, therefore, the SDA bus requires a pull-
up resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400kHz and 1MHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.4
Serial Clock (SCL)
This input is used to synchronize the data transfer from
and to the device.
2.5
Write-Protect (WP)
This pin can be connected to either VSS, VCC or left
floating. An internal pull-down resistor on this pin will
keep this device in the unprotected state if left floating.
If tied to VSS or left floating, normal memory operation
is enabled (read/write the entire memory 0000h-
FFFFh).
If tied to VCC, write operations are inhibited. Read
operations are not affected.
3.0
FUNCTIONAL DESCRIPTION
The 24XX515 supports a bidirectional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as a transmitter, and a device
receiving data as a receiver. The bus must be
controlled by a master device which generates the
serial clock (SCL), controls the bus access, and
generates the Start and Stop conditions while the
24XX515 works as a slave. Both master and slave can
operate as a transmitter or receiver, but the master
device determines which mode is activated.
Name PDIP SOIC
Function
A0
1
1
User Configurable Chip Select
A1
2
2
User Configurable Chip Select
A2
3
3
Non-Configurable Chip Select.
This pin must be hard wired to
logical 1 state (VCC). Device
will not operate with this pin
left floating or held to logical 0
(VSS).
VSS
4
4
Ground
SDA
5
5
Serial Data
SCL
6
6
Serial Clock
WP
7
7
Write-Protect Input
VCC
8
8
+1.8 to 5.5V (24AA515)
+2.5 to 5.5V (24LC515)
+4.5 to 5.5V (24FC515)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com