Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC515 Datasheet(PDF) 19 Page - Microchip Technology

Part # 24LC515
Description  512K I2C CMOS Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24LC515 Datasheet HTML 14Page - Microchip Technology 24LC515 Datasheet HTML 15Page - Microchip Technology 24LC515 Datasheet HTML 16Page - Microchip Technology 24LC515 Datasheet HTML 17Page - Microchip Technology 24LC515 Datasheet HTML 18Page - Microchip Technology 24LC515 Datasheet HTML 19Page - Microchip Technology 24LC515 Datasheet HTML 20Page - Microchip Technology 24LC515 Datasheet HTML 21Page - Microchip Technology 24LC515 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS21673C-page 19
24AA515/24LC515/24FC515
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
SALES AND SUPPORT
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
24AA515:
=
512K Bit 1.8V I2C CMOS Serial EEPROM
24AA515T: =
512K Bit 1.8V I2C CMOS Serial EEPROM
(Tape and Reel)
24LC515:
=
512K Bit 2.5V I2C CMOS Serial EEPROM
24LC515T: =
512K Bit 2.5V I2C CMOS Serial EEPROM
(Tape and Reel)
24FC515:
=
512K Bit 2.5V I2C CMOS Serial EEPROM
24FC515T: =
512K Bit 2.5V I2C CMOS Serial EEPROM
(Tape and Reel)
Temperature Range
I
=
-40
°C to +85°C
Package
P
=
Plastic DIP (300 mil Body), 8-lead
SM
=
Plastic SOIC (208 mil Body), 8-lead
Examples:
a)
24AA515T-I/SM: Tape and Reel, Industrial
Temperature, SOIC package.
b)
24LC515-I/P: Industrial Temperature, PDIP
package.
c)
24LC515-I/SM:
Industrial
Temperature,
SOIC package.
d)
24LC515T-I/SM: Tape and Reel, Industrial
Temperature, SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com