Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2103DB Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC2103DB
Description  RPM-Based Fan Controller with Hardware Thermal Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103DB Datasheet(HTML) 1 Page - SMSC Corporation

  EMC2103DB Datasheet HTML 1Page - SMSC Corporation EMC2103DB Datasheet HTML 2Page - SMSC Corporation EMC2103DB Datasheet HTML 3Page - SMSC Corporation EMC2103DB Datasheet HTML 4Page - SMSC Corporation EMC2103DB Datasheet HTML 5Page - SMSC Corporation EMC2103DB Datasheet HTML 6Page - SMSC Corporation EMC2103DB Datasheet HTML 7Page - SMSC Corporation EMC2103DB Datasheet HTML 8Page - SMSC Corporation EMC2103DB Datasheet HTML 9Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SMSC EMC2103
PRODUCT PREVIEW
Revision 0.93 (01-08-10)
Data Brief
PRODUCT FEATURES
EMC2103
RPM-Based Fan Controller with
Hardware Thermal Shutdown
General Description
The EMC2103 is an SMBus compliant fan controller with
up to up to 3 external and 1 internal temperature
channels. The fan driver can be operated using two
methods each with two modes. The methods include an
RPM based Fan Speed Control Algorithm and a direct
PWM drive setting. The modes include manually
programming the desired settings or using the internal
programmable temperature look-up table to select the
desired setting based on measured temperature.
The temperature monitors offer 1°C accuracy (for
external diodes) with sophisticated features to reduce
errors introduced by series resistance and beta variation
of substrate thermal diode transistors commonly found
in processors.
The EMC2103 also includes a hardware programmable
temperature limit and dedicated system shutdown
output for thermal protection of critical circuitry.
Applications
Notebook Computers
Projectors
Graphics Cards
Industrial and Networking Equipment
Features
Programmable Fan Control circuit
— 4-wire fan compatible
— High and low frequency PWM
RPM based fan control algorithm
— 2.5% accuracy from 500RPM to 16k RPM
— Detects fan aging and variation
Temperature Look-Up Table
— Allows programmed fan response to temperature
— Controls fan speed or PWM drive setting
— Allows externally set temperature data to drive fan
— Supports DTS data from CPU
Up to Three External Temperature Channels
(EMC2103-2 only)
— Supports 45nm, 60nm, and 90nm CPU diodes
— Automatically detects and supports CPUs requiring BJT
or Transistor models
— Resistance error correction
— Supports discrete transistors (i.e. 2N3904)
— 1°C accurate (60°C to 125°C)
— 0.125°C resolution
Hardware Programmable Thermal Shutdown
Temperature
— Cannot be altered by software
— 65°C to 127°C Range
Programmable High and Low Limits for all channels
Internal Temperature Monitor
— 2°C accuracy
— 0.125°C resolution
3.3V Supply Voltage
SMBus 2.0 Compliant
— SMBus Alert compatible
Two dedicated GPIOs (EMC2103-2 and EMC2103-4
only)
Available in 12-pin, QFN Lead-Free RoHS Compliant
Package (EMC2103-1 and EMC2103-3) or 16-pin,
QFN Lead-Free RoHS Compliant Package
(EMC2103-2 and EMC2103-4)


Similar Part No. - EMC2103DB

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
RPM-Based Fan Controller with HW Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
EMC2103-1 MICROCHIP-EMC2103-1 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC2103-1 MICROCHIP-EMC2103-1 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC2103-1-KP SMSC-EMC2103-1-KP Datasheet
1Mb / 84P
RPM-Based Fan Controller with HW Thermal Shutdown
More results

Similar Description - EMC2103DB

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2113 SMSC-EMC2113 Datasheet
1Mb / 85P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com