Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD6V2S1BG-AL3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ESD6V2S1BG-AL3-R
Description  Ultra low clamping voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ESD6V2S1BG-AL3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ESD6V2S1BG-AL3-R Datasheet HTML 1Page - Unisonic Technologies ESD6V2S1BG-AL3-R Datasheet HTML 2Page - Unisonic Technologies ESD6V2S1BG-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD6V2S1B
Preliminary
TVS DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R229-007.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
ESD Discharge
IEC61000-4-2
Contact Discharge
VESD
30
kV
Peak Pulse current (tP=8/20 µs)
IPP
8.0
A
Operating Junction Temperature
TJ
125
°C
Operating Temperature (Note 2)
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reverse working voltage
VRMW
-6.2
6.2
V
Reverse current
IR
VR=6.2V
1.0
100
nA
Line capacitance
CL
VR=0V. f=1MHz
5.0
10
pF
IPP=16A, tP=100ns
12
V
IPP=30A, tP=100ns
14
V
IPP=-1A, tP=8/20 µs
8.0
V
Clamping voltage
VCL
IPP=8A, tP=8/20 µs
11
V
Dynamic resistance (Note 1)
RDYN
0.13
Ω
Note: Z0=50Ω, tP=100ns, tR=300ps, averaging window: t1=30ns to t2=60ns, extraction of dynamic resistance using
least squares fit of TLP charactertistics between IPP1=10A and IPP2=40A.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com