Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD6V2S1BG-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ESD6V2S1BG-AL3-R
Description  Ultra low clamping voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ESD6V2S1BG-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  ESD6V2S1BG-AL3-R Datasheet HTML 1Page - Unisonic Technologies ESD6V2S1BG-AL3-R Datasheet HTML 2Page - Unisonic Technologies ESD6V2S1BG-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
ESD6V2S1B
Preliminary
TVS DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R229-007 .a
ULTRA LOW CLAMPING
BI-DIRECTIONAL ESD
TRANSIENT PROTECTION
DIODE
DESCRIPTION
The UTC ESD6V2S1B is ultra-low clamping ESD transient
bidirectional protection diode, it uses UTC’s advanced technology to
provide customers with low leakage current and high integration, etc.
The UTC ESD6V2S1B is suitable for ESD protection and high
density boards.
FEATURES
* Bi-directional, symmetrical working voltage
* Ultra low clamping voltage
* Ultra low dynamic resistance
SYMBOL
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
ESD6V2S1BG-AL3-R
SOT-323
K
K
K
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
ESD6V2S1BL-AL3-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) AL3 : SOT-323
(3) G: Halogen Free and Lead Free
MARKING


Similar Part No. - ESD6V2S1BG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ESD6V2AL RECTRON-ESD6V2AL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
ESD6V2AL RECTRON-ESD6V2AL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
logo
Rohm
ESD6V2ASAFH ROHM-ESD6V2ASAFH Datasheet
1Mb / 7P
Transient Voltage Suppressor
2025/03/27_Rev.001
More results

Similar Description - ESD6V2S1BG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
Low clamping voltage
logo
Unisonic Technologies
ESD3V3S2BG-AL3-R UTC-ESD3V3S2BG-AL3-R Datasheet
124Kb / 3P
Ultra low clamping voltage
ESD5V0L1BG-CC2-R UTC-ESD5V0L1BG-CC2-R Datasheet
117Kb / 3P
Ultra low clamping voltage
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
Low clamping voltage
09-Feb-2017
ESDALC5-1BF4 STMICROELECTRONICS-ESDALC5-1BF4 Datasheet
199Kb / 10P
Low clamping voltage
06-Feb-2014
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
Low clamping voltage
logo
Shanghai Leiditech Elec...
SMC24-323 LEIDITECH-SMC24-323 Datasheet
384Kb / 3P
Ultra low leakage: nA level Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
Low clamping voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com