Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS52-16PC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 4Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 5Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 6Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 7Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 8Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 9Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 10Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 11Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
AT89LS52
2601A–12/01
Dual Data Pointer Registers: To facilitate accessing both internal and external data memory, two banks of 16-bit Data
Pointer Registers are provided: DP0 at SFR address locations 82H-83H and DP1 at 84H-85H. Bit DPS = 0 in SFR AUXR1
selects DP0 and DPS = 1 selects DP1. The user should always initialize the DPS bit to the appropriate value before
accessing the respective Data Pointer Register.
Power Off Flag: The Power Off Flag (POF) is located at bit 4 (PCON.4) in the PCON SFR. POF is set to “1” during power
up. It can be set and rest under software control and is not affected by reset.
Table 3. AUXR: Auxiliary Register
AUXR
Address = 8EH
Reset Value = XXX00XX0B
Not Bit Addressable
–
–
–
WDIDLE
DISRTO
–
–
DISALE
Bit
7
6
5
4
3
2
1
0
–
Reserved for future expansion
DISALE
Disable/Enable ALE
DISALE
Operating Mode
0
ALE is emitted at a constant rate of 1/6 the oscillator frequency
1
ALE is active only during a MOVX or MOVC instruction
DISRTO
Disable/Enable Reset out
DISRTO
0
Reset pin is driven High after WDT times out
1
Reset pin is input only
WDIDLE
Disable/Enable WDT in IDLE mode
WDIDLE
0
WDT continues to count in IDLE mode
1
WDT halts counting in IDLE mode
Table 4. AUXR1: Auxiliary Register 1
AUXR1
Address = A2H
Reset Value = XXXXXXX0B
Not Bit Addressable
––
–
–
–
–
–
DPS
Bit
7
6
5
4
3
2
1
0
–
Reserved for future expansion
DPS
Data Pointer Register Select
DPS
0
Selects DPTR Registers DP0L, DP0H
1
Selects DPTR Registers DP1L, DP1H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com