Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LS52-16PC Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89LS52-16PC
Description  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 12Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 13Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 14Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 15Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 16Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 17Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 18Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 19Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
AT89LS52
2601A–12/01
Figure 5. Timer 2 in Clock-Out Mode
OSC
EXF2
P1.0
(T2)
P1.1
(T2EX)
TR2
EXEN2
C/T2 BIT
TRANSITION
DETECTOR
TIMER 2
INTERRUPT
T2OE (T2MOD.1)
÷2
TL2
(8-BITS)
RCAP2L RCAP2H
TH2
(8-BITS)
÷2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com