Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6901F Datasheet(PDF) 4 Page - Rohm

Part # BA6901F
Description  2-Phase half-wave motor pre driver for fan motor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 4 Page - Rohm

  BA6901F Datasheet HTML 1Page - Rohm BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BA6901F
Motor driver ICs
4/10
!
Electrical characteristics (unless otherwise noted, Ta = 25
°C, VCC = 12V)
Parameter
Conditions
Circuit current
Hall input hysteresis
Charge current of capacitor for lock detection
Discharge current of capacitor for lock detection
Clamp voltage of capacitor for lock detection
Comparison voltage of capacitor for lock detection
Output H voltage
Charge-discharge current ratio of capacitor for lock detection
Hall signal outputn L voltage
Alarm output L voltage
At output : OFF
VCOM
=6.0V
VLD
=1.5V
IAL
=5mA, AL, ALB terminal
VLD
=1.5V
rCD
=ILDC / ILDD
IHO
=5mA
CL
=100mV
At output : ON
At output : OFF
CL-CS offset voltage
Response time for current limit
PWM input voltage H
PWM input voltage L
Charge-discharge pulse comparison voltage
Charge-discharge pulse output voltage H
Charge-discharge pulse output voltage L
Symbol
ICC
Vhys
ILDC
VLDCP
VOH
ILDD
rCD
VLDCL
VHO
VAL
VofsCS
TCS
VPWMH
VPWML
VCRCP
VTOH
VTOL
Max.
−
150
0.8
0.95
2.0
12.0
±20
8.0
0.8
16
3.20
0.50
0.44
1.3
1.3
0.50
99.5
Min.
3.0
±4
0.2
−
−
4
1.60
2.0
0.25
−
−
−
2.0
0.26
0.7
0.7
75.0
Typ.
−
−
50
7.0
±10
5.0
0.5
10
2.40
0.60
1.5
0.35
1.0
1.0
0.10
0.10
92.0
IO
=−10mA vs. VCC voltage
ITO
=−0.5mA vs. VCC voltage
ITO
=0.5mA
Unit
µsec
mA
mV
µA
−
V
V
V
V
µA
V
mV
V
V
V
V
V
This product isn't designed for protection against radioactive rays.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com