Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6901F Datasheet(PDF) 9 Page - Rohm

Part # BA6901F
Description  2-Phase half-wave motor pre driver for fan motor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6901F Datasheet(HTML) 9 Page - Rohm

Back Button BA6901F Datasheet HTML 2Page - Rohm BA6901F Datasheet HTML 3Page - Rohm BA6901F Datasheet HTML 4Page - Rohm BA6901F Datasheet HTML 5Page - Rohm BA6901F Datasheet HTML 6Page - Rohm BA6901F Datasheet HTML 7Page - Rohm BA6901F Datasheet HTML 8Page - Rohm BA6901F Datasheet HTML 9Page - Rohm BA6901F Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BA6901F
Motor driver ICs
9/10
2) Power dissipation
Power consumption (PC) of BA6901F is calculated to the following equation.
Pc = Pc1 + Pc2 + Pc3
(1) Pc1 : Power consumption by circuit current
Pc1 = VCC
× ICC
(2) Pc2 : Power consumption of output terminal
Pc2 = (VCC– VOH )
× Io
VOH is H voltage of output (A1 or A2).
Io can be decreased by using the transistor of high hFE rank and it is effective to consumption
electric power reduction.
(3) Pc3 : Power consumption of HO, AL and ALB terminal
Pc3 = VHO
× IHO + VAL × IAL + VALB × IALB
VHO is L voltage of Hall signal output (HO).
VAL and VALB are L voltage of lock detection output (AL or ALB).
IHO, IAL and IALB are current of HO, AL or ALB.
Please care to the terminal design not to exceed the allowable power dissipation.
3) Hall signal input terminal (H
+, H−)
Hall Amp input bias voltage
VCC
VCC-2.8V
1/2VCC
GND
Hall Amp input current =
VCC
R1 + R2 + RH
RH : Impedance of Hall element
R1
R2
RH
Hall element
H
−
H
+
VCC
C2
C1
Hall amp of BA6901F has input hysteresis
(
±10mV : Typ.)
Please adjust hall Amp input bias voltage by value of R1, R2 so that hall signal contains amplitude, input within range
0V
∼ (VCC−2.8V).
In case VCC noise influence the hall signal by board wiring pattern, please connect capacitor C1 like above figure.
In the case of long board wiring pattern from hall element to hall signal input terminal, please connect capacitor C2 like
above figure.
4) GND
Please keep up the voltage of GND less than the voltage of another terminal surely.
5) This product is produced with strict quality control, but destroyed in using beyond absolute maximum ratings.
Once IC destroyed, a failure mode cannot be defined (like short-mode or open-mode). Therefore, physical security
counter measure, like fuse, is to be given when a specific mode to be beyond absolute maximum ratings is
considered.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com