Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6401 Datasheet(PDF) 60 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 60 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 56Page - Microchip Technology SST38VF6401 Datasheet HTML 57Page - Microchip Technology SST38VF6401 Datasheet HTML 58Page - Microchip Technology SST38VF6401 Datasheet HTML 59Page - Microchip Technology SST38VF6401 Datasheet HTML 60Page - Microchip Technology SST38VF6401 Datasheet HTML 61Page - Microchip Technology SST38VF6401 Datasheet HTML 62Page - Microchip Technology SST38VF6401 Datasheet HTML 63Page - Microchip Technology SST38VF6401 Datasheet HTML 64Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
©2015
DS-20005015B
08/15
60
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Product Ordering Information
SST
38
VF
6401
-
90
-
5C
-
EKE
XX
XX
XXXX
-XX
-XX
-
XXX
Environmental Attribute
E1 = non-Pb
Package Modifier
K = 48 balls or leads
Package Type
E = TSOP (type1, die up, 12mm x 20mm)
B3 = TFBGA (6mm x 8mm, 0.8mm pitch)
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
5 = 100,000 cycles
Read Access Speed
90 = 90 ns
Hardware Block Protection
1 = Bottom Boot-Block Uniform (32 KWord)
2 = Top Boot-Block Uniform (32 KWord)
3 = Bottom Boot-Block Non-Uniform(8 KWord)
4 = Top Boot-Block Non-Uniform (8 KWord)
Device Density
640 = 64 Mbit
Voltage
V = 2.7-3.6V
Product Series
38 = Advanced Multi-Purpose Flash Plus
1. Environmental suffix “E” denotes non-Pb solder.
non-Pb solder devices are “RoHS Compliant”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com