| Electronic Components Datasheet Search |
|
SST38VF6401 Datasheet(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST38VF6401 Datasheet(HTML) 18 Page - Microchip Technology |
|
18 / 64 page ![]() ©2015 DS-20005015B 08/15 18 64 Mbit (x16) Advanced Multi-Purpose Flash Plus SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404 Not Recommended for New Designs Protection Settings Register (PSR) The Protection Settings Register (PSR) is a user-programmable register that allows for further custom- ization of the SST38VF6401/6402/6403/6404 protection features. The 16-bit PSR provides four One Time Programmable (OTP) bits for users, each of which can be programmed individually. However, once an OTP bit is programmed to ‘0’, the value cannot be changed back to a ‘1’. The other 12 bits of the PSR are reserved. See Table 8 for the definition of all 16-bits of the PSR. Note that DQ4, DQ2, DQ1, DQ0 do not have to be programmed at the same time. In addition, DQ2 and DQ1 cannot both be programmed to ‘0’. The valid combinations of states of DQ2 and DQ1 are shown in Table 9. The PSR can be accessed by issuing the PSR Entry command. Users can then use the PSR Program and PSR Read commands. The PSR Exit command must be issued to leave this mode. See Table 11 for further details. Table 8: PSR Bit Definitions Bit Default from Factory Definition DQ15-DQ5 FFFh Reserved DQ4 1 VPB power-up / hardware reset state 0 = all protected 1 = all unprotected DQ3 1 Reserved DQ2 1 Password mode 0 = Password only mode 1 = Pass-Through mode DQ1 1 Pass-Through mode 0 = Pass-Through only mode 1 = Pass-Through mode DQ0 1 SEC ID Lock Out Bit 0 = locked 1 = unlocked T8.0 20005015 Table 9: Valid DQ2 and DQ1 Combinations Combination Definition DQ2, DQ1 = 11 Pass-Through mode (factory default) DQ2, DQ1 = 10 Pass-Through only mode DQ2, DQ1 = 01 Password only mode DQ2, DQ1 = 00 Not Allowed T9.0 20005015 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |