Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM363 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 7Page - National Semiconductor (TI) LM363 Datasheet HTML 8Page - National Semiconductor (TI) LM363 Datasheet HTML 9Page - National Semiconductor (TI) LM363 Datasheet HTML 10Page - National Semiconductor (TI) LM363 Datasheet HTML 11Page - National Semiconductor (TI) LM363 Datasheet HTML 12Page - National Semiconductor (TI) LM363 Datasheet HTML 13Page - National Semiconductor (TI) LM363 Datasheet HTML 14Page - National Semiconductor (TI) LM363 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Application Hints (Continued)
Because the LM363’s offset voltage is so low to begin with
offset nulling has a negligible effect on offset temperature
drift For example zeroing a 100 mV offset assuming external
resistor TC of 200 ppm C and worst-case internal resistor
TC results in an additional drift component of 008 mV C
For this reason drift specifications are guaranteed with or
without external offset nulling
GAIN ADJUSTMENT
Gain may be increased by adding an external voltage divid-
er between output force and sense and reference the pre-
ferred connection is shown in
Figure 4 Since both the
sense and reference pins look like 50 kX (g20 kX)toVb
impedances presented to both pins must be equal to avoid
offset error For example a 100X imbalance can create a
worst-case output offset of 50 mV creating an input-re-
ferred error of 5 mV at Ge10 or 50 mVatGe1000
Increasing gain this way increases output offset error An
LM363H-100 may have an output offset of 5 mV resulting in
input referred offset component of 50 mV Raising the gain
to 200 yields a 10 mV error at the output and changes input
referred error by an additional 50 mV
External resistors connected to the reference and sense
pins can only
increase the gain If ultra-low output imped-
ance is not critical the technique in
Figure 5 can be used to
trim the gain to nominal value Alternatively the VOS adjust-
ment terminals on the 16-pin package may be used to trim
the gain (
Figure 10b )
TLH5609 – 12
R1 and R2 should be as low as possible to avoid errors due to 50 kX
input impedance of reference and sense pins
Total resistance
(R2a2R1) should be above 4 kX however to prevent excessive load
on the LM363 output The exact formula for calculating gain (G) is
GeGO
1a2R1R2aR150kJ
GOepreset gain
The last term may be ignored in applications where gain accuracy is not
critical The table below gives suggested values for R1 and R2 along
with the calculated error due to ‘‘closest value’’ standard 1% resistors
Total gain error tolerance includes contributions from LM363 GO error
and resistor tolerance (g1%) and works out to approximately 25% in
every case
Pinout shown is for 16-pin package This same technique can also be
used with 8-pin versions
Gain Increase
1 5
2
2 5
3
4
5
6789
10
R1
121k
121k
2k
2k
178k
2k
249k
294k
348k
392k
442k
R2
5k
249k
274k
205k
121k
1k
1k
1k
1k
1k
1k
Error (typ)
a
06%
b
02%
0
b
03%
b
06%
a
08%
a
05%
b
09%
a
04%
b
09%
b
07%
FIGURE 4 Increasing Gain
Pinout shown is for 8-pin versions
This same technique can also be used
with 16-pin version
TLH5609 – 13
FIGURE 5 Adjusting Gain Alternate Technique
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com