Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM363 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM363
Description  LM363 Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM363 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM363 Datasheet HTML 8Page - National Semiconductor (TI) LM363 Datasheet HTML 9Page - National Semiconductor (TI) LM363 Datasheet HTML 10Page - National Semiconductor (TI) LM363 Datasheet HTML 11Page - National Semiconductor (TI) LM363 Datasheet HTML 12Page - National Semiconductor (TI) LM363 Datasheet HTML 13Page - National Semiconductor (TI) LM363 Datasheet HTML 14Page - National Semiconductor (TI) LM363 Datasheet HTML 15Page - National Semiconductor (TI) LM363 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application Hints (Continued)
COMPENSATION AND OUTPUT CLAMPING
The LM363 is internally compensated for unity feedback
from output to sense Increasing gain with external dividers
will decrease the bandwidth and increase stability margin
Without external compensation the amplifier can stably
drive capacitive loads up to 400 pF When used as an op
amp (sense and reference pins grounded feedback to in-
verting input) the LM363 is stable for gains of 100 or more
For greater stability the device may be over-compensated
as in
Figure 6 Tables I and II depict suggested compensa-
tion components along with the resulting changes in large
and small signal bandwidth for the 8-pin and 16-pin pack-
ages respectively
Note that the RC network from pin 8 of the 8-pin device to
ground has a large effect on power bandwidth especially at
low gains The Miller capacitance utilized for overcompen-
sating the 16-pin device permits higher slew rate and larger
load capacitance for the same bandwidth and is preferred
when bandwidth must be greatly reduced (eg
to reduce
output noise)
Heavy Miller overcompensation on the 16-pin package can
degrade AC PSRR A large capacitor between pins 15 and
16 couples transients on the positive supply to the output
buffer Since the amplifier bandwidth is severely rolled off it
cannot keep the output at the correct state at moderate
frequencies Hence for good PSRR either keep the Miller
capacitance under 1000 pF or use the pin 15-to-ground
compensation shown in Table I
TLH5609 – 14
FIGURE 6 Overcompensation
TABLE I Overcompensation on 8-Pin Package
Small Signal
Power
Maximum
Compensation Network
3 dB
Bandwidth
Capacitive
Gain
(Pin 8 to Ground)
Bandwidth
(g10V Swing)
Load
(kHz)
(Hz)
(pF)
125
100k
400
100 pF 15k
95
15k
600
500
1000 pF 5k
45
18k
800
001 mF500X
10
200
1000
01 mF
1
20
1000
240
100k
400
100 pF 15k
170
15k
900
100
1000 pF 5k
80
18k
1200
001 mF 500X
20
200
1600
01 mF
2
20
2000
240
100k
400
100 pF 15k
170
15k
900
10
1000 pF 5k
90
18k
1200
001 mF 500X
20
200
1600
01 mF
2
20
2000
Also stable for CL t 005 mF
Pin 15 to ground on 16-pin package
TABLE II Overcompensation on 16-Pin Package
Compensation
Small Signal
Power
Maximum
Gain
Capacitor
3 dB
Bandwidth
Capacitive
(Pin 15 to 16)
Bandwidth
(g10V Swing)
Load
(Hz)
(Hz)
(pF)
45k
45k
1000
10 pF
16k
16k
2000
1000
100 pF
25k
25k
2500
1000 pF
250
250
3000
001 mF
25
25
3000
140k
100k
900
10 pF
50k
50k
1600
100
100 pF
75k
75k
2000
1000 pF
750
750
2000
001 mF
75
75
2000
180k
90k
600
10 pF
60k
50k
1100
10
100 pF
9k
9k
1600
1000 pF
900
900
2000
001 mF
90
90
2000
Also stable for CL t 005 mF
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com