Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327LP Datasheet(PDF) 73 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 73 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 69Page - ELM Electronics ELM327LP Datasheet HTML 70Page - ELM Electronics ELM327LP Datasheet HTML 71Page - ELM Electronics ELM327LP Datasheet HTML 72Page - ELM Electronics ELM327LP Datasheet HTML 73Page - ELM Electronics ELM327LP Datasheet HTML 74Page - ELM Electronics ELM327LP Datasheet HTML 75Page - ELM Electronics ELM327LP Datasheet HTML 76Page - ELM Electronics ELM327LP Datasheet HTML 77Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
73 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Programmable Parameter Summary (continued)
16
Default ISO/KWP baud rate (AT IB default setting)
Note: 4800 baud can not be a default - set it with AT IB 48
FF
(10.4K)
R
ISO/KWP wakeup message rate (AT SW default setting)
setting (in msec) = (PP 17 value) x 20.48
D
18
I
24
CAN auto formatting (AT CAF default setting)
D
25
D
CAN filler byte (used to pad out messages)
00
17
ISO/KWP delay before a fast init, if a slow init has taken place
setting (in msec) = 1000 + (PP 18 value) x 20.48
31
(2.0 sec)
CAN auto flow control (AT CFC default setting)
92
(3.0 sec)
00
(ON)
00
(ON)
PP
Description
Values
Default
Type
00 to FF
00 to FF
00 to FF
00 = 96
FF = 10
00 = ON
FF = OFF
00 = ON
FF = OFF
26
D
19
I
31
(2.0 sec)
00 to FF
21
Default CAN Silent Monitoring setting (for AT CSM)
R
FF
(ON)
FF = ON
00 = OFF
Protocol 5 fast initiation active time (TiniL)
setting (in msec) = (PP 1A value) x 2.5
D
1A
0A
(25 msec)
00 to FF
ISO/KWP outputs used for initiation (b7 to b2 are not used)
b1: L line (pin 22)
0: disabled
1: enabled
b0: K line (pin 21)
0: disabled
1: enabled
If disabled, an output will remain low during protocol initiations
D
1C
00 to FF
ISO/KWP P3 time (delay before sending requests)
Ave time (in msec) = (PP 1D value - 0.5) x 4.096
D
1D
0F
(59 msec)
00 to FF
Protocol 5 fast initiation passive time (TiniH)
setting (in msec) = (PP 1B value) x 2.5
D
1B
0A
(25 msec)
00 to FF
03
(00000011)
ISO/KWP K line minimum quiet time before an init can begin (W5)
setting (in msec) = (PP 1E value) x 4.096
D
1E
4A
(303 msec)
00 to FF
ISO/KWP delay before a slow init, if a fast init has taken place
setting (in msec) = 1000 + (PP 19 value) x 20.48
28
FF
(11111111)
00 to FF
D
CAN Filter settings (controls CAN sends while searching)
The bits of this byte control options, as follows:
b7: 500 kbps match
0: ignored
1: required
b6: 250 kbps match
0: ignored
1: required
b5 to b1: reserved for future - leave set to 1
b0: send if bus is quiet
0: not allowed 1: allowed
29
Printing of the CAN data length (DLC) when printing header bytes
(AT D0/D1 default setting)
D
FF
(OFF)
00 = ON
FF = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com