Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327LP Datasheet(PDF) 91 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 91 Page - ELM Electronics

Back Button ELM327LP Datasheet HTML 86Page - ELM Electronics ELM327LP Datasheet HTML 87Page - ELM Electronics ELM327LP Datasheet HTML 88Page - ELM Electronics ELM327LP Datasheet HTML 89Page - ELM Electronics ELM327LP Datasheet HTML 90Page - ELM Electronics ELM327LP Datasheet HTML 91Page - ELM Electronics ELM327LP Datasheet HTML 92Page - ELM Electronics ELM327LP Datasheet HTML 93Page - ELM Electronics ELM327LP Datasheet HTML 94Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 91 / 94 page
background image
Error Messages and Alerts (continued)
STOPPED
If any OBD operation is interrupted by a received
RS232 character, or by a low level on the RTS pin, the
ELM327 will print the word STOPPED. If you should
see this response, then something that you have done
has interrupted the ELM327. Most people see it
because they have not waited for pin 15 to go high, or
have not waited for the prompt character (‘>’) to be
displayed before sending the next command.
Note that short duration pulses on pin 15 may
cause the STOPPED message to be displayed, but
may not be of sufficient duration to cause a switch to
Low Power operation (as the Low Power circuit
debounces the signal, filtering them out).
91 of 94
ELM327L
ELM327L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM327L integrated circuits are 28 pin devices, available in either a 300 mil wide (‘skinny’) Plastic DIP format, or in
a 300 mil (7.50 mm body) SOIC surface mount type of package, or in a 208 mil (5.30 mm body) SSOP surface
mount package. We do not offer a QFN package.
To order, add the appropriate suffix (P, SM, or SS) to the ELM327L part number:
300 mil wide, 28 pin, 0.10” (2.54 mm) pitch, PDIP.............................................................................. ELM327LP
300 mil wide, 28 pin, 0.050” (1.27 mm) pitch, SOIC........................................................................ ELM327LSM
208 mil wide, 28 pin, 0.025” (0.65 mm) pitch, SSOP........................................................................ ELM327LSS
Ordering Information
Version History
We are often asked about the differences between
the firmware in the various ELM327 integrated circuits.
The ELM327L started with firmware v2.1:
v2.1
First version available. Supports all ELM327 v2.1
functions and:
- requires a 10µF capacitor on pin 6
- has a 2048 byte RS232 transmit buffer
UNABLE TO CONNECT
If you see this message, it means that the ELM327
has tried all of the available protocols, and could not
detect a compatible one. This could be because your
vehicle uses an unsupported protocol, or could be as
simple as forgetting to turn the ignition key on.
If you are sure that your vehicle uses an OBDII
protocol, then check all of your connections, and the
ignition, then try the command again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com