Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5200 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5200 Datasheet HTML 16Page - Microchip Technology MIC5200 Datasheet HTML 17Page - Microchip Technology MIC5200 Datasheet HTML 18Page - Microchip Technology MIC5200 Datasheet HTML 19Page - Microchip Technology MIC5200 Datasheet HTML 20Page - Microchip Technology MIC5200 Datasheet HTML 21Page - Microchip Technology MIC5200 Datasheet HTML 22Page - Microchip Technology MIC5200 Datasheet HTML 23Page - Microchip Technology MIC5200 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005578A-page 21
MIC5200
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC5200-3.0YM:
100 mA Low-Dropout Reg-
ulator, 3.0V Voltage, –40°C
to +125°C Temp. Range, 8-
Pin SOIC, 95/Tube
b)
MIC5200-4.8YM-TR:
100 mA Low-Dropout Reg-
ulator, 4.85 Voltage, –40°C
to +125°C Temp. Range, 8-
Pin SOIC, 2,500/Reel
c)
MIC5200-3.3YMM:
100 mA Low-Dropout Regu-
lator, 3.3V Voltage, –40°C
to +125°C Temp. Range, 8-
Pin MSOP, 95/Tube
d)
MIC5200-5.0YMM-TR: 100 mA Low-Dropout Reg-
ulator, 5.0V Voltage, –40°C
to +125°C Temp. Range, 8-
Pin MSOP, 2,500/Reel
e)
MIC5200-3.3YS:
100 mA Low-Dropout Reg-
ulator, 3.3V Voltage, –40°C
to +125°C Temp. Range,
SOT-223, 95/Tube
f)
MIC5200-5.0YS-TR
100 mA
Low-Dropout
Regulator, 5.0V Voltage,
–40°C to +125°C Temp.
Range, SOT-223, 2,500/
Reel
PART NO.
XX
Package
Device
Device:
MIC5200:
100 mA Low-Dropout Regulator
Voltage:
(Note 1)
3.0
=
3.0V
3.3
=
3.3V
4.8
=
4.8V
5.0
=
5.0V
Temperature:
Y
=
–40°C to +125°C
Package:
M
=
8-Pin SOIC
MM =
8-Pin MSOP
S=
SOT-223
Media Type:
TR =
2,500/Reel
blank=
95/Tube
X.X
Voltage
X
Temperature
Note
1:
The 8-Pin MSOP package (MM) is only available in 3.3V and
5.0V options.
X.X
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com