Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5200 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5200
Description  100 mA Low-Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5200 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5200 Datasheet HTML 7Page - Microchip Technology MIC5200 Datasheet HTML 8Page - Microchip Technology MIC5200 Datasheet HTML 9Page - Microchip Technology MIC5200 Datasheet HTML 10Page - Microchip Technology MIC5200 Datasheet HTML 11Page - Microchip Technology MIC5200 Datasheet HTML 12Page - Microchip Technology MIC5200 Datasheet HTML 13Page - Microchip Technology MIC5200 Datasheet HTML 14Page - Microchip Technology MIC5200 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005578A-page 11
MIC5200
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Package Types
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
SOT-223
Pin Number
SOIC-8,
MSOP-8
Pin Name
Description
3
1, 2
OUT
Output: Pins 1 and 2 (SOIC-8, MSOP-8 packages) must be
externally connected together.
—
3, 6
NC
Not internally connected. Connect to ground place for lowest
thermal resistance.
2, TAB
4
GND
Ground: Ground pin and TAB (SOT-223 package) are internally
connected.
—
5
EN
Enable/Shutdown (Input): TTL-compatible. High = enabled; low =
shutdown.
1
7, 8
IN
Supply Input: Pins 7 and 8 (SOIC-8, MSOP-8 packages) must be
externally connected together.
1
23
IN
GND OUT
MIC5200-x.xYS
SOT-223 (S)
(Top View)
GND
OUT
IN
EN
OUT
NC
IN
NC
MIC5200-x.xYM
SOIC-8 (M)
MIC5200-x.xYMM
MSOP-8 (MM)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com