Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4930 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4930 Datasheet HTML 6Page - Microchip Technology MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology MIC4930 Datasheet HTML 10Page - Microchip Technology MIC4930 Datasheet HTML 11Page - Microchip Technology MIC4930 Datasheet HTML 12Page - Microchip Technology MIC4930 Datasheet HTML 13Page - Microchip Technology MIC4930 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC4930
DS20005669A-page 10
 2016 Microchip Technology Inc.
FIGURE 2-25:
Switching Waveforms
(IOUT = 3A).
FIGURE 2-26:
Switching Waveforms
(Current Limit).
FIGURE 2-27:
Load Transient Response
(IOUT = 1.5A).
FIGURE 2-28:
Load Transient Response
(IOUT = 3A).
Time (200ns/div)
V
OUT
(10mV/div)
SW Node
(2V/div)
I
L
(1A/div)
V
IN = 3.0V
V
OUT = 1.2V (AC-Coupled)
I
OUT = 3A
Time (200ns/div)
V
OUT
(10mV/div)
SW Node
(2V/div)
I
L
(2A/div)
V
IN = 3.0V
V
OUT = 1.2V (AC-Coupled)
R
LOAD = 0.25Ω
Time (20μs/div)
V
OUT
(200mV/div)
I
OUT
(1A/div)
V
IN = 3.0V
V
OUT = 1.2V (AC-Coupled)
C
OUT = 10μF
Time (20μs/div)
V
OUT
(200mV/div)
I
OUT
(1A/div)
V
IN = 3.0V
V
OUT = 1.2V (AC-Coupled)
C
OUT = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com