Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4930 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4930
Description  Hyper Speed Control짰 3A Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4930 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4930 Datasheet HTML 7Page - Microchip Technology MIC4930 Datasheet HTML 8Page - Microchip Technology MIC4930 Datasheet HTML 9Page - Microchip Technology MIC4930 Datasheet HTML 10Page - Microchip Technology MIC4930 Datasheet HTML 11Page - Microchip Technology MIC4930 Datasheet HTML 12Page - Microchip Technology MIC4930 Datasheet HTML 13Page - Microchip Technology MIC4930 Datasheet HTML 14Page - Microchip Technology MIC4930 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2016 Microchip Technology Inc.
DS20005669A-page 11
MIC4930
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3X4 DFN
Symbol
Description
1, 2, EP
PGND
Power Ground.
3, 8
PVIN
Power input voltage: Connect a 10μF ceramic capacitor between PVIN and PGND
for input decoupling. Pins 3 and 8 are internally connected inside the package.
4
AVIN
Analog input voltage: Connect a 1μF ceramic capacitor between AVIN and AGND
to decouple the noise for the internal reference and error comparator.
5
AGND
Analog ground input: Connect to a quiet ground plane for best operation. Do not
route power switching currents on the AGND net. Connect AGND and PGND nets
together at a single point.
6FB
Feedback (input): Connect an external divider between VOUT and AGND to
program the output voltage.
7PG
Power Good (output): Open-drain output. A pull-up resistor from this pin to a
voltage source is required to detect an output power-is-good condition.
9EN
Enable (input): Logic high enables operation of the regulator. Logic low will shut
down the device. Do not leave floating.
10
SW
Switch (output): Internal power MOSFET output switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com