Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS1678 Datasheet(PDF) 41 Page - Microchip Technology

Part # IS1678
Description  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 Datasheet(HTML) 41 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 37Page - Microchip Technology IS1678 Datasheet HTML 38Page - Microchip Technology IS1678 Datasheet HTML 39Page - Microchip Technology IS1678 Datasheet HTML 40Page - Microchip Technology IS1678 Datasheet HTML 41Page - Microchip Technology IS1678 Datasheet HTML 42Page - Microchip Technology IS1678 Datasheet HTML 43Page - Microchip Technology IS1678 Datasheet HTML 44Page - Microchip Technology IS1678 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001386A-Page 41
IS1678
9.0
REFLOW PROFILE AND
STORAGE CONDITION
This chapter describes reflow profiles and stencil infor-
mation of the IS1678 SoC, see Figure 9-1 and
Figure 9-2.
9.1
Stencil of SMT Assembly
Suggestion
9.1.1
STENCIL TYPE & THICKNESS
• Laser cutting
• Stainless steel
• Thickness: 0.5 mm Pitch, thickness more than
0.15 mm
9.1.2
APERTURE SIZE AND SHAPE FOR
TERMINAL PAD
• Aspect ratio (width/thickness) more than 1.5
• Aperture shape
- The stencil aperture is designed to match the
pad size on the PCB.
- Oval-shape opening should be used to get
the optimum paste release.
- Rounded corners to minimize clogging.
- Positive taper walls (5
° tapering) with bottom
opening larger than the top.
9.1.3
APERTURE DESIGN FOR THERMAL
PAD
• Small multiple openings should be used instead
of one big opening.
• 60~80% solder paste coverage
• Rounded corners to minimize clogging
• Positive taper walls (5° tapering) with bottom
opening larger than the top
FIGURE 9-1:
REFLOW PROFILE
FIGURE 9-2:
STENCIL TYPE
Do not recommend
Recommend
Recommend
Coverage 91%
Coverage 77%
Coverage 65%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com