Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS1678 Datasheet(PDF) 8 Page - Microchip Technology

Part # IS1678
Description  Bluetooth짰 Dual-Mode SoC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1678 Datasheet(HTML) 8 Page - Microchip Technology

Back Button IS1678 Datasheet HTML 4Page - Microchip Technology IS1678 Datasheet HTML 5Page - Microchip Technology IS1678 Datasheet HTML 6Page - Microchip Technology IS1678 Datasheet HTML 7Page - Microchip Technology IS1678 Datasheet HTML 8Page - Microchip Technology IS1678 Datasheet HTML 9Page - Microchip Technology IS1678 Datasheet HTML 10Page - Microchip Technology IS1678 Datasheet HTML 11Page - Microchip Technology IS1678 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
IS1678
DS60001386APage 8
Advance Information
 2016 Microchip Technology Inc.
20
VDD_IO
Power
I/O positive supply input (3.3V)
Connect to 1 uF (X5R/X7R) capacitor
21
P3_1
DIO
Configurable control or Indication pin
(Internally pulled up, if configured as an input)
22
P3_2
DIO
Configurable control or Indication pin
(Internally pulled up, if configured as an input)
23
P3_3
DIO
Configurable control or Indication pin
(Internally pulled up, if configured as an input)
24
P3_4
DIO
Configurable control or Indication pin
(Internally pulled up, if configured as an input)
25
P3_6
DIO
Configurable control or Indication pin
(Internally pulled up, if configured as an input)
26
P3_7
DIO
Configurable control or Indication pin
(Internally pulled up, if configured as an input)
27
VDD_XO
Power
1.8V input for the external 16 MHz crystal
Connect to GND through a 1uF (X5R/X7R) capacitor
28
XO_P
AI
Positive node for RF 16 MHz crystal input
29
XO_N
AI
Negative node for RF 16 MHz crystal input
30
LED1
DO
LED Driver
31
VCC_RF
Power
Power input for VCO and RF (1.8V)
Connect to GND through a 1 uF (X5R/X7R) capacitor
32
NC
NC
NC
33
RTX
AIO
External antenna connection (50 ohm)
34
AVDD_SAR
Power
1.8V input for AVDD_SAR power
Connect to GND through a 1 uF (X5R/X7R) capacitor
35
NC
NC
NC
36
BAT_IN
Power
Battery input. Main positive supply input
Connect to GND through a 10 uF (X5R/X7R) capacitor
37
SW_BTN
DI
Power Button:
H: Power on
L: Power off
38
LDO33_O
Power
Internal 3.3V LDO regulator output
Connect to GND through a 10 uF (X5R/X7R) capacitor
39
LDO18_IN
Power
Internal 1.8V LDO regulator input
Connect with LDO33_O
40
LDO18_O
Power
Internal 1.8V LDO regulator output
Connect to GND through a 1 uF (X5R/X7R) capacitor
41
EP
Power
Exposed pad as ground
Legend:
A = Analog
D = Digital
I = Input
O = Output
TABLE 1-1:
PIN DESCRIPTION (CONTINUED)
Pin
Number
Pin Name
Pin Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com