Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ9031RNXVC Datasheet(PDF) 39 Page - Microchip Technology

Part # KSZ9031RNXVC
Description  Gigabit Ethernet Transceiver with RGMII Support
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9031RNXVC Datasheet(HTML) 39 Page - Microchip Technology

Back Button KSZ9031RNXVC Datasheet HTML 35Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 36Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 37Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 38Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 39Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 40Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 41Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 42Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
 2016 Microchip Technology Inc.
DS00002117C-page 39
KSZ9031RNX
Note 4-1
RW = Read/Write; RO = Read Only; SC = Self-Cleared; LH = Latch High; LL = Latch Low.
D.4:0
MMD –
Device
Address
These five bits set the MMD device address.
RW
0_0000
Register Eh - MMD Access – Register/Data
E.15:0
MMD –
Register/
Data
For the selected MMD device address (Reg. Dh,
Bits [4:0]),
When Reg. Dh, Bits [15:14] = 00, this register
contains the read/write register address for the
MMD device address.
Otherwise, this register contains the read/write
data value for the MMD device address and its
selected register address.
See also Reg. Dh, Bits [15:14], for descriptions of
post increment reads and writes of this register for
data operation.
RW
0000_0000_0000_00
00
Register Fh – Extended Status
F.15
1000BASE-X
Full-Duplex
1 = PHY can perform 1000BASE-X full-duplex
0 = PHY cannot perform 1000BASE-X full-duplex
RO
0
F.14
1000BASE-X
Half-Duplex
1 = PHY can perform 1000BASE-X half-duplex
0 = PHY cannot perform 1000BASE-X half-duplex
RO
0
F.13
1000BASE-T
Full-Duplex
1 = PHY can perform 1000BASE-T full-duplex
0 = PHY cannot perform 1000BASE-T full-duplex
RO
1
F.12
1000BASE-T
Half-Duplex
1 = PHY can perform 1000BASE-T half-duplex
0 = PHY cannot perform 1000BASE-T half-duplex
RO
1
F.11:0
Reserved
Ignore when read
RO
—
TABLE 4-4:
VENDOR-SPECIFIC REGISTER DESCRIPTIONS
Address
Name
Description
Mode
Note 4-1
Default
Register 11h – Remote Loopback
11.15:9
Reserved
Reserved
RW
0000_000
11.8
Remote
Loopback
1 = Enable remote loopback
0 = Disable remote loopback
RW
0
11.7:1
Reserved
Reserved
RW
1111_010
11.0
Reserved
Reserved
RO
0
Register 12h – LinkMD – Cable Diagnostic
12.15
Cable
Diagnostic
Test Enable
Write value:
1 = Enable cable diagnostic test. After test has
completed, this bit is self-cleared.
0 = Disable cable diagnostic test.
Read value:
1 = Cable diagnostic test is in progress.
0 = Indicates cable diagnostic test (if enabled) has
completed and the status information is valid for
read.
RW/SC
0
12.14
Reserved
This bit should always be set to ‘0’.
RW
0
TABLE 4-3:
IEEE-DEFINED REGISTER DESCRIPTIONS (CONTINUED)
Address
Name
Description
Mode
Note 4-1
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com