Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ9031RNXVC Datasheet(PDF) 7 Page - Microchip Technology

Part # KSZ9031RNXVC
Description  Gigabit Ethernet Transceiver with RGMII Support
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9031RNXVC Datasheet(HTML) 7 Page - Microchip Technology

Back Button KSZ9031RNXVC Datasheet HTML 3Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 4Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 5Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 6Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 7Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 8Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 9Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 10Page - Microchip Technology KSZ9031RNXVC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
 2016 Microchip Technology Inc.
DS00002117C-page 7
KSZ9031RNX
10
TXRXP_D
I/O
Media Dependent Interface[3], positive signal of differential pair
1000BASE-T mode:
TXRXP_D corresponds to BI_DD+ for MDI configuration and BI_DC+ for
MDI-X configuration, respectively.
10BASE-T/100BASE-TX mode:
TXRXP_D is not used.
11
TXRXM_D
I/O
Media Dependent Interface[3], negative signal of differential pair
1000BASE-T mode:
TXRXM_D corresponds to BI_DD– for MDI configuration and BI_DC– for
MDI-X configuration, respectively.
10BASE-T/100BASE-TX mode:
TXRXM_D is not used.
12
AVDDH
P
3.3V/2.5V (commercial temp only) analog V
DD
13
NC
—
No connect. This pin is not bonded and can be connected to digital ground for
footprint compatibility with the KSZ9021RN Gigabit PHY.
14
DVDDL
P
1.2V digital V
DD
TABLE 2-1:
SIGNALS - KSZ9031RNX (CONTINUED)
Pin
Number
Pin
Name
Type
Note
2-1
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com