Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ9031MNX Datasheet(PDF) 39 Page - Microchip Technology

Part # KSZ9031MNX
Description  Gigabit Ethernet Transceiver with GMII/MII Support
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9031MNX Datasheet(HTML) 39 Page - Microchip Technology

Back Button KSZ9031MNX Datasheet HTML 35Page - Microchip Technology KSZ9031MNX Datasheet HTML 36Page - Microchip Technology KSZ9031MNX Datasheet HTML 37Page - Microchip Technology KSZ9031MNX Datasheet HTML 38Page - Microchip Technology KSZ9031MNX Datasheet HTML 39Page - Microchip Technology KSZ9031MNX Datasheet HTML 40Page - Microchip Technology KSZ9031MNX Datasheet HTML 41Page - Microchip Technology KSZ9031MNX Datasheet HTML 42Page - Microchip Technology KSZ9031MNX Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
 2016 Microchip Technology Inc.
DS00002096C-page 39
KSZ9031MNX
1B.12
Parallel
Detect Fault
Interrupt
Enable
1 = Enable parallel detect fault interrupt
0 = Disable parallel detect fault interrupt
RW
0
1B.11
Link Partner
Acknowl-
edge Inter-
rupt Enable
1 = Enable link partner acknowledge interrupt
0 = Disable link partner acknowledge interrupt
RW
0
1B.10
Link-Down
Interrupt
Enable
1 = Enable link-down interrupt
0 = Disable link-down interrupt
RW
0
1B.9
Remote Fault
Interrupt
Enable
1 = Enable remote fault interrupt
0 = Disable remote fault interrupt
RW
0
1B.8
Link-Up
Interrupt
Enable
1 = Enable link-up interrupt
0 = Disable link-up interrupt
RW
0
1B.7
Jabber Inter-
rupt
1 = Jabber occurred
0 = Jabber did not occur
RO/RC
0
1B.6
Receive
Error Inter-
rupt
1 = Receive error occurred
0 = Receive error did not occur
RO/RC
0
1B.5
Page
Receive
Interrupt
1 = Page receive occurred
0 = Page receive did not occur
RO/RC
0
1B.4
Parallel
Detect Fault
Interrupt
1 = Parallel detect fault occurred
0 = Parallel detect fault did not occur
RO/RC
0
1B.3
Link Partner
Acknowl-
edge Inter-
rupt
1 = Link partner acknowledge occurred
0 = Link partner acknowledge did not occur
RO/RC
0
1B.2
Link-Down
Interrupt
1 = Link-down occurred
0 = Link-down did not occur
RO/RC
0
1B.1
Remote Fault
Interrupt
1 = Remote fault occurred
0 = Remote fault did not occur
RO/RC
0
1B.0
Link-Up
Interrupt
1 = Link-up occurred
0 = Link-up did not occur
RO/RC
0
Register 1Ch – Auto MDI/MDI-X
1C.15:8
Reserved
Reserved
RW
0000_0000
1C.7
MDI Set
When Swap-Off (Bit [6] of this register) is asserted
(1),
1 = PHY is set to operate as MDI mode
0 = PHY is set to operate as MDI-X mode
This bit has no function when Swap-Off is de-
asserted (0).
RW
0
1C.6
Swap-Off
1 = Disable Auto MDI/MDI-X function
0 = Enable Auto MDI/MDI-X function
RW
0
1C.5:0
Reserved
Reserved
RW
00_0000
TABLE 4-4:
VENDOR-SPECIFIC REGISTER DESCRIPTIONS (CONTINUED)
Address
Name
Description
Mode
(Note 4-1)
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com